KAS-16D-R/Q
AI

The **KAS-16D-R/Q** is a high-performance **solid-state relay (SSR)** or specialized power switching module often used in industrial automation and power distribution systems. It is characterized by its high switching capacity and compact form factor.
---
### 1. Key Technical Specifications
The following table highlights the primary electronic parameters of the KAS-16D-R/Q:
| Parameter | Specification |
| :--- | :--- |
| **Control Voltage (Input)** | Typically 12V DC or 24V DC (Model dependent) |
| **Switching Voltage (Output)** | AC 100V - 240V (Typical) |
| **Rated Current** | 16 Amperes |
| **Configuration** | 16-Channel Output (High Density) |
| **Isolation Type** | Optoisolated (Photo-coupler) |
| **Mounting Style** | DIN Rail or PCB Mount |
---
### 2. Functional Electronic Components
The internal architecture of the KAS-16D series usually consists of several critical electronic sub-systems:
* **Optoisolators:** These provide electrical separation between the low-power control circuit and the high-power output circuit. This protects the PLC or microcontroller from surges.
* **Power MOSFETs / Triacs:** Depending on whether the output is DC or AC, these serve as the primary switching elements, allowing for high-speed operation without mechanical wear.
* **LED Status Indicators:** Integrated visual feedback components that signify which channels are currently energized.
* **Reverse Polarity Protection:** Diodes integrated into the input stage to prevent damage if the control wires are connected incorrectly.
---
### 3. Connection Pinout Logic
While specific pin numbering can vary by manufacturer, the logical layout follows this structure:
```cpp
// Logic Representation of Wiring
Input_Side {
VCC: Power supply for logic (+24V);
GND: Common ground;
IN[1..16]: Signal lines from Controller (PLC);
}
Output_Side {
COM: Common power line for loads;
OUT[1..16]: Individual switched power to devices;
}
```
---
### 4. Applications
* **PLC Expansion:** Used when a Programmable Logic Controller needs to drive more current than its onboard outputs allow.
* **Heating Elements:** Precise control of resistive loads in industrial ovens.
* **Motor Control:** Switching small single-phase motors or actuators.
* **Solenoid Operation:** Rapid cycling of pneumatic or hydraulic valves.
- ⤷
What is the maximum surge current capacity for the KAS-16D-R/Q?
- ⤷ How do I wire a 24V PLC to this specific module?
- ⤷ Does this model support Zero-Cross switching for AC loads?