KAM03CCG1E103AH
AI

The part number **KAM03CCG1E103AH** refers to a **Multilayer Ceramic Chip Capacitor (MLCC)**. While specific prefixes can vary slightly between manufacturers (commonly associated with brands like Walsin or similar Taiwanese/Korean component makers), the alphanumeric string follows a standard industry taxonomy for passive components.
---
### 1. Technical Specifications Breakdown
The following table breaks down the specific attributes represented by each section of the part number:
| Code Segment | Parameter | Description |
| :--- | :--- | :--- |
| **KAM** | Series | Multilayer Ceramic Chip Capacitor (General Purpose) |
| **03** | Case Size | 0603 Metric (0201 Imperial) |
| **C** | Dielectric | COG (NPO) - Ultra-stable, low loss |
| **CG** | Material | Standard Ceramic Formulation |
| **1E** | Rated Voltage | 25 Volts DC |
| **103** | Capacitance | 10,000 pF (10nF or 0.01µF) |
| **A** | Tolerance | ±0.05pF (or specific precision range) |
| **H** | Packaging | 7" Reel / Paper Tape |
---
### 2. Key Component Features
* **Dielectric (C/COG):** This capacitor uses a Class 1 dielectric. It is highly stable regardless of temperature, voltage, or time. It is ideal for circuits where high Q (quality factor) and stability are essential.
* **Capacitance Calculation:** The code `103` is read as:
* `10` (first two digits)
* `3` (number of zeros)
* Result: `10,000 pF` = **10 nF**.
* **Form Factor (03):** This is an extremely small surface-mount device (SMD), typically measuring **0.6mm x 0.3mm**. It requires automated pick-and-place machinery for assembly.
---
### 3. Common Applications
Due to the stability of the COG dielectric and the miniature 0603 (metric) size, this part is typically used in:
1. **RF Circuits:** High-frequency filters and matching networks.
2. **Decoupling:** Power supply noise filtering in mobile devices (smartphones, wearables).
3. **Precision Timing:** Resonant circuits where capacitance must not drift with temperature.
4. **Signal Conditioning:** Analog signal processing where low distortion is required.
---
### 4. Comparison with X7R Dielectric
| Feature | COG (KAM03C...) | X7R (Alternative) |
| :--- | :--- | :--- |
| **Temperature Stability** | Extremely High (0 ±30 ppm/°C) | Moderate (±15%) |
| **Aging** | No aging | Capacitance loss over time |
| **Voltage Coefficient** | Negligible | Significant |
| **Best Use** | Precision/High Frequency | General Filtering/Bypass |
- ⤷
What are the physical dimensions of the 0603 metric package in inches?
- ⤷ Can this capacitor be used in a 50V circuit?
- ⤷ How does the COG dielectric compare to NP0?