công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KADS-FC-R

  • AI
    The **KADS-FC-R** (often associated with high-precision pressure switches or flow control controllers in industrial automation, particularly by brands like CKD or similar fluid control manufacturers) utilizes specific electronic components to manage sensing, signal processing, and output control. Below is an explanation of the primary electronic parts and their functions within such a device. --- ## 1. Core Electronic Components | Component | Function | Description | | :--- | :--- | :--- | | **Pressure/Flow Sensor** | Data Acquisition | A micro-machined silicon or ceramic element that converts physical pressure into an electrical voltage. | | **Microprocessor (MCU)** | Logic & Control | The "brain" that processes incoming analog signals, performs scaling, and manages the logic for switching points. | | **A/D Converter** | Signal Conversion | Converts the continuous analog signal from the sensor into a digital format for the MCU to read. | | **EEPROM Memory** | Storage | Non-volatile memory used to store user-set parameters (setpoints, hysteresis, units) even when power is lost. | | **Output Transistors** | Switching | Typically NPN or PNP transistors that act as electronic switches to trigger external alarms or PLCs. | --- ## 2. Display and Interface Parts The electronic interface allows for human interaction and real-time monitoring: ### LED/LCD Display Driver * **Segmented Display:** Usually a 3.5 or 4-digit LED display. * **Status Indicators:** Small LEDs (usually Red/Green) that indicate whether the output is active or if an error has occurred. ### Input Tactile Switches * Sealed buttons used to navigate the menu and set threshold values electronically. --- ## 3. Power and Protection Circuitry Industrial environments are electrically "noisy," requiring robust protection parts: * **Voltage Regulator:** Steps down the standard 24V DC industrial power to 3.3V or 5V required by the internal chips. * **Varistors/TVS Diodes:** Protect the sensitive internal electronics from voltage spikes and surges (ESD protection). * **Reverse Polarity Protection:** A diode circuit that prevents damage if the power supply wires are connected backwards. --- ## 4. Electrical Specifications Summary If you are integrating the KADS-FC-R into a circuit, these electronic parameters are critical: ```json { "Power Supply": "12 to 24V DC", "Current Consumption": "< 40mA", "Output Type": "NPN/PNP Open Collector", "Max Load Current": "100mA", "Response Time": "< 2.5ms" } ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the wiring color code for the KADS-FC-R output?
    • ⤷ How do I reset the electronic setpoints to factory defaults?
    • ⤷ Does this model support 4-20mA analog output alongside the digital switch?