công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KADS-CG-R

  • AI
    The **KADS-CG-R** is a high-performance **Carbon Monoxide (CO) Gas Sensor Module** specifically designed for residential and industrial safety applications. It integrates a chemical sensing element with sophisticated electronic circuitry to provide reliable gas detection. --- ## 1. Core Electronic Components The module is composed of several critical electronic layers that allow it to convert chemical reactions into readable data. | Component | Function | Description | | :--- | :--- | :--- | | **Electrochemical Cell** | Sensing Element | A fuel-cell type sensor that generates a current proportional to the concentration of CO gas. | | **ASIC / Microcontroller** | Signal Processing | Converts the raw analog current from the sensor into a linearized digital or voltage output. | | **Temperature Sensor** | Compensation | Built-in NTC or digital thermistor to adjust readings based on ambient temperature changes. | | **Interface Pins** | Connectivity | Usually includes VCC (Power), GND (Ground), and Signal Out (Analog/Digital). | --- ## 2. Technical Specifications The electronics are tuned for high sensitivity and low power consumption, making them ideal for battery-operated devices. * **Operating Voltage:** Typically 3.3V to 5V DC. * **Detection Range:** 0 to 1,000 ppm (parts per million). * **Output Signal:** Linear analog voltage or PWM (Pulse Width Modulation). * **Power Consumption:** Extremely low (micro-ampere range during standby). * **Warm-up Time:** < 30 seconds for stable electronic readings. --- ## 3. Electronic Architecture & Logic The KADS-CG-R operates on the principle of **Electrochemical Oxidation**. ### Signal Conditioning Flow 1. **Chemical Reaction:** CO gas reaches the working electrode, causing an oxidation reaction. 2. **Current Generation:** Electrons flow through the circuit, creating a tiny nano-ampere (nA) current. 3. **Transimpedance Amplifier (TIA):** The onboard electronics amplify this tiny current into a measurable voltage. 4. **Calibration Data:** The internal memory contains factory-calibrated curves to ensure accuracy across different environmental conditions. ### Circuit Protection The module usually includes protection against: * **Reverse Polarity:** Prevents damage if power leads are swapped. * **Electromagnetic Interference (EMI):** Shielding to prevent false alarms from cell phones or WiFi routers. --- ## 4. Integration Pinout Example While specific versions may vary, the standard electronic interface follows this pattern: ```yaml Pin 1: VCC (Power Supply +) Pin 2: GND (Common Ground) Pin 3: VOUT (Analog Output Signal) Pin 4: TEST/CAL (Diagnostic or Calibration pin) ```
    ✨ Follow-up Questions
    • ⤷What is the typical lifespan of the KADS-CG-R electrochemical cell?
    • ⤷ How does temperature humidity affect the electronic output of this sensor?
    • ⤷ Can the KADS-CG-R be interfaced directly with an Arduino or ESP32?