công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KADS-BF-R

  • AI
    The **KADS-BF-R** is an industrial-grade sensor unit typically used in automated safety systems, position monitoring, or proximity sensing applications (often associated with safety gate switches or magnetic sensors). Below is a breakdown of the electronic architecture and components typically found in these types of industrial sensor modules. --- ## 1. Core Electronic Components The KADS-BF-R relies on a combination of magnetic sensing and electronic switching. Its internal circuitry is designed for high reliability and noise immunity. | Component Type | Function | Description | | :--- | :--- | :--- | | **Sensing Element** | Signal Detection | Usually a **Reed Switch** or a **Hall Effect Sensor** that reacts to an external magnetic field. | | **Switching Circuit** | Logic Output | Transistor-based or dry contact output that changes state (Open/Closed) based on the sensor trigger. | | **Protection Circuit** | Durability | Includes **Varistors** or **Diodes** to prevent damage from voltage spikes (EMC protection). | | **Status Indicator** | User Feedback | Typically a built-in **LED** (Red or Green) to indicate the power status or actuation state. | | **Terminal Block** | Connectivity | Screw terminals or a M12 plug connector for integration into the control loop. | --- ## 2. Technical Specifications Most variants of the KADS-BF series operate within the following electronic parameters: ### Electrical Characteristics * **Operating Voltage:** Typically 24V DC (standard for industrial PLC environments). * **Switching Current:** Usually rated between 10mA and 500mA depending on the internal relay/transistor type. * **Contact Resistance:** Low milliohm range to ensure signal integrity for the controller. * **Response Time:** Fast switching, often $<15ms$. --- ## 3. Circuit Configuration (Typical) The device generally follows a **Normally Open (NO)** or **Normally Closed (NC)** logic path. In safety applications, it often features a dual-channel design to meet specific safety integrity levels (SIL). ```mermaid graph LR A[Power Input 24V] --> B[Internal Fuse/Protection] B --> C[Magnetic Sensing Element] C --> D[Switching Logic/LED] D --> E[Output Signal to PLC] ``` --- ## 4. Key Features for Industrial Use 1. **Galvanic Isolation:** The electronic parts are often encapsulated in resin (potting) to protect against moisture, dust, and vibration. 2. **Short-Circuit Protection:** Advanced versions include internal monitoring to prevent the electronics from burning out if the output is grounded. 3. **Magnetic Coded Operation:** The electronic sensing element is tuned to a specific magnetic "code" to prevent tampering with standard magnets. ---
    ✨ Follow-up Questions
    • ⤷What is the specific wiring diagram for the KADS-BF-R model?
    • ⤷ Is the KADS-BF-R a contactless sensor or a mechanical limit switch?
    • ⤷ What is the IP rating for the electronics housing in this device?