KADS-3A-R.SLASHQ
AI

The **KADS-3A-R.SLASHQ** refers to a specific variation of a high-performance **pressure sensor/transducer**, typically used in aerospace, industrial automation, or specialized hydraulic testing environments.
Below is an overview of the electronic components and technical specifications characteristic of this part.
### 1. Technical Specifications Table
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Pressure Transducer / Sensor |
| **Output Signal** | Analog (typically 0-5V or 4-20mA depending on configuration) |
| **Supply Voltage** | 10V to 32V DC (Standard Industry Range) |
| **Sensing Element** | Piezoresistive or Strain Gauge Thin Film |
| **Connector Type** | Circular Military-style or M12 Threaded |
| **Housing Material** | Stainless Steel (Corrosion Resistant) |
---
### 2. Core Electronic Components
The "SLASHQ" designation often implies a specific qualification or high-speed response characteristic. The internal electronics consist of:
#### A. Sensing Element (The Bridge)
Most KADS series sensors utilize a **Wheatstone Bridge** circuit. This consists of four resistors (strain gauges) bonded to a diaphragm. When pressure is applied, the diaphragm deforms, changing the resistance and creating a measurable voltage differential.
#### B. Signal Conditioning Unit
Because the raw output of the sensing element is in millivolts (mV), the internal PCB contains:
* **Instrumentation Amplifiers:** To boost the signal to a usable level.
* **Temperature Compensation Circuitry:** Ensures the sensor remains accurate despite heat fluctuations (crucial for "R" or "Q" high-reliability variants).
* **EMI/RFI Filtering:** Protects the signal from electromagnetic interference.
#### C. The Output Stage
This section converts the conditioned signal into the final output format. In the **KADS-3A** series, this is usually optimized for high-speed data acquisition systems (hence the "Q" for Quick/Quality response).
---
### 3. Application Use Cases
Due to its robust electronic design, this part is commonly found in:
1. **Hydraulic System Monitoring:** Tracking pressure spikes in real-time.
2. **Aerospace Testing:** Used in ground support equipment or flight test instrumentation.
3. **Industrial Process Control:** Maintaining precise pressure in chemical or manufacturing pipelines.
---
- ⤷
What is the specific pressure range for the KADS-3A-R model?
- ⤷ How does the 'SLASHQ' suffix modify the standard electrical pinout?
- ⤷ What are the mounting torque requirements for this sensor housing?