công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • KA8602L-S08-R

  • AI
    ## Technical Overview: KA8602L-S08-R The **KA8602L-S08-R** is a low-voltage audio power amplifier integrated circuit (IC) primarily designed for telephony applications, such as telephone handsets and speakerphones. It is often considered a functional equivalent or alternative to the popular **MC34119**. --- ### 1. Key Technical Specifications | Parameter | Specification | |:---|:---| | **Package Type** | SOP-8 (Surface Mount) | | **Operating Voltage Range** | 2.0V to 16.0V | | **Output Power** | ~250mW (at 16V, 32Ω load) | | **Supply Current** | 2.7mA (Typical) | | **Standby Current** | 65µA (Typical) | | **Input Impedance** | 125 kΩ | --- ### 2. Functional Features * **Low Operating Voltage:** Operates efficiently at voltages as low as 2V, making it ideal for battery-powered devices. * **Chip Disable Pin:** Includes a power-down mode (Pin 1) to reduce current consumption when the device is not in use. * **Differential Output:** Uses a Bridge-Tied Load (BTL) configuration, which eliminates the need for large output coupling capacitors. * **Minimum External Components:** Requires very few resistors and capacitors to function, saving PCB space. --- ### 3. Pin Configuration (SOP-8) | Pin No. | Symbol | Description | |:---:|:---|:---| | 1 | **CD** | Chip Disable (High = Off, Low = On) | | 2 | **REF** | Reference Voltage (Analog Ground) | | 3 | **IN+** | Non-inverting Input | | 4 | **IN-** | Inverting Input | | 5 | **VO1** | Audio Output 1 | | 6 | **VCC** | Positive Supply Voltage | | 7 | **GND** | Ground | | 8 | **VO2** | Audio Output 2 | --- ### 4. Typical Application Circuit Block To utilize the KA8602L in a standard audio circuit, the following basic setup is used: ```text Vcc (2V - 16V) | [Pin 6] | [In]--[Pin 4] [Pin 5]--(+) | | [Speaker 8-32 ohm] [Ref]--[Pin 2] [Pin 8]--(-) | [Pin 7] | GND ``` ### 5. Common Use Cases * **Telecommunications:** Handset receivers and hands-free speakerphones. * **Portable Audio:** Small battery-operated radios or voice recorders. * **Modems:** Line driving and signal amplification. * **Toys/Gadgets:** Sound effect playback modules.
    ✨ Follow-up Questions
    • ⤷ What is the main advantage of the Bridge-Tied Load (BTL) output in this IC?
    • ⤷ Can the KA8602L drive an 8-ohm speaker directly?
    • ⤷ How does the 'Chip Disable' function help in battery-powered designs?