AI

## KA8602-S08-R Electronic Component Overview
The **KA8602-S08-R** is a low-voltage audio power amplifier integrated circuit (IC) primarily designed for communication equipment, such as telephone sets and portable radio devices. It is frequently used as a drop-in replacement or equivalent to the popular **MC34119** audio amplifier.
### 1. Key Specifications
| Parameter | Details |
| :--- | :--- |
| **Function** | Low Voltage Audio Power Amplifier |
| **Package Type** | SOP-8 (Surface Mount Device) |
| **Operating Voltage** | 2.0V to 16.0V |
| **Output Power** | Typical 250mW (at 8Ω load, $V_{cc}=6V$) |
| **Quiescent Current** | Typical 2.7mA |
| **Total Harmonic Distortion (THD)** | 0.5% (Typical) |
| **Shutdown Mode** | Integrated chip disable function |
---
### 2. Internal Architecture and Pinout
The IC consists of a differential amplifier, a power stage, and a chip-enable circuit. The SOP-8 package layout is standardized as follows:
| Pin Number | Name | Description |
| :---: | :--- | :--- |
| 1 | **CD** | Chip Disable (High = Off, Low = On) |
| 2 | **FC1** | Filter / Bypass |
| 3 | **+IN** | Non-inverting Input |
| 4 | **-IN** | Inverting Input |
| 5 | **VO1** | Output 1 |
| 6 | **Vcc** | Positive Supply Voltage |
| 7 | **GND** | Ground |
| 8 | **VO2** | Output 2 |
---
### 3. Core Features
* **Wide Supply Range:** It can operate on very low voltages (down to 2V), making it ideal for battery-powered devices.
* **Bridge-Tied Load (BTL):** The outputs (VO1 and VO2) are typically used in a BTL configuration, which eliminates the need for bulky DC-blocking capacitors at the speaker output.
* **Minimal External Components:** The circuit requires very few resistors and capacitors to function, saving PCB space.
* **Power Down Mode:** Pin 1 allows the user to put the chip into a low-power standby mode, significantly extending battery life in portable electronics.
---
### 4. Typical Applications
* **Telephony:** Speakerphone circuits and handset amplifiers.
* **Portable Audio:** Small battery-operated radios or toys.
* **Intercoms:** Low-power communication systems.
* **System Alerts:** Driving small 8Ω or 16Ω speakers for system beeps or notifications.
---
### 5. Part Number Breakdown
* **KA8602:** The base model/series number.
* **S08:** Indicates the **SOP-8** package (Small Outline Package, 8 pins).
* **R:** Usually denotes the packaging format, specifically **Tape & Reel** for automated assembly.
- ⤷
What are the main differences between the KA8602 and the MC34119?
- ⤷ Can you provide a basic schematic for a BTL configuration using this IC?
- ⤷ What is the maximum current consumption when the Chip Disable pin is active?