công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • K6F-R025

  • AI
    The **K6F-R025** is a specialized electronic component, specifically a **Current Sensing Resistor** (Shunt Resistor). These components are designed to measure current flow by monitoring the voltage drop across a known resistance. --- ## Technical Specifications | Feature | Specification | | :--- | :--- | | **Component Type** | Current Sense Resistor (Metal Plate) | | **Resistance Value** | 0.025 $\Omega$ (25 m$\Omega$) | | **Tolerance** | Usually $\pm1\%$ or $\pm5\%$ (depends on specific suffix) | | **Material** | Metal Alloy / Ceramic Base | | **Mounting Type** | Surface Mount (SMD) | | **Typical Application** | Power management, battery monitoring | --- ## Key Features ### 1. Low Resistance Value At **25 m$\Omega$**, the resistance is intentionally low to minimize power loss ($P = I^2R$) and heat generation, while still providing a readable voltage drop for a Microcontroller or Op-Amp. ### 2. High Precision and Stability As a "Shunt," it is built with materials that have a low **Temperature Coefficient of Resistance (TCR)**. This ensures that the resistance value does not drift significantly as the component heats up during operation. ### 3. Construction It typically features a metal alloy element. Unlike standard thick-film resistors, the metal plate construction allows it to handle high current pulses without burning out. --- ## Circuit Function (Ohm's Law) In a circuit, the K6F-R025 acts as a transducer. By measuring the voltage ($V$) across the resistor, the system calculates the current ($I$) using: ```python # Theoretical Current Calculation V_measured = 0.050 # Example: 50mV measured across resistor R_value = 0.025 # 25 mOhms Current = V_measured / R_value # Result: 2 Amps ``` --- ## Common Applications * **Battery Management Systems (BMS):** Monitoring charging and discharging rates. * **Motor Control:** Detecting overcurrent conditions to protect the motor. * **DC-DC Converters:** Providing feedback loops for current-mode control. * **Power Supplies:** Monitoring load consumption in laptops or industrial equipment.
    ✨ Follow-up Questions
    • ⤷ What is the maximum power rating (Wattage) for this specific resistor model?
    • ⤷ How do I choose between a 2-terminal and a 4-terminal shunt resistor?
    • ⤷ What are the common alternatives to the K6F-R025 for higher precision applications?