công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • K4M51163PC-RBE

  • AI
    The **K4M51163PC-RBE** is a specific Synchronous Dynamic Random Access Memory (SDRAM) chip manufactured by **Samsung Electronics**. It belongs to the Mobile SDRAM family, designed specifically for portable devices that require low power consumption. --- ### 1. Key Technical Specifications | Parameter | Specification | | :--- | :--- | | **Manufacturer** | Samsung Electronics | | **Memory Density** | 512 Megabit (Mb) | | **Organization** | 8M x 16 x 4 Banks | | **Voltage (VDD)** | 1.8V (Low Voltage) | | **Package Type** | 54-ball FBGA (Fine-pitch Ball Grid Array) | | **Speed/Frequency** | 166 MHz (PC166) | | **CAS Latency** | CL3 | | **Operating Temp** | Extended/Industrial Range (depending on suffix) | --- ### 2. Functional Characteristics #### A. Architecture The chip is organized as a quad-bank memory system. This allows for "interleaving," where one bank can be precharged while another is being accessed, significantly reducing data latency and improving throughput. #### B. Power Management (Mobile Features) Since this is a "Mobile" SDRAM (MSDRAM), it includes features not found in standard desktop RAM: * **Partial Array Self Refresh (PASR):** Allows the chip to refresh only the portion of the memory containing data, saving battery. * **Temperature Compensated Self Refresh (TCSR):** Adjusts the refresh rate based on the chip's temperature. * **Deep Power Down (DPD):** An ultra-low-power mode where data is not retained, but power consumption is minimized to near zero. --- ### 3. Part Number Decoder Understanding the "K4M51163PC-RBE" string helps identify its exact properties: * **K4M:** Samsung Mobile SDRAM. * **51:** 512Mb density. * **16:** x16 bit interface width. * **3:** 4 Banks. * **P:** Interface/Voltage (1.8V). * **C:** Generation (4th Generation / C-die). * **RB:** Lead-free (RoHS compliant) and Halogen-free FBGA package. * **E:** Speed (166MHz @ CL3). --- ### 4. Common Applications Due to its 1.8V operation and small form factor (FBGA), this component is typically used in: * **Legacy Mobile Devices:** Early smartphones and PDAs. * **Embedded Systems:** Industrial controllers and IoT gateways. * **Networking Gear:** Routers and switches requiring a buffer memory. * **Automotive:** Infotainment systems. ---
    ✨ Follow-up Questions
    • ⤷ What are the pinout differences between the 54-ball FBGA and standard TSOP packages for SDRAM?
    • ⤷ How does the 1.8V VDD compare to standard SDRAM power requirements?
    • ⤷ What are the specific timing parameters for the 'E' speed grade (166MHz)?