công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • K24C080-RIT-A

  • AI
    The **K24C08** (specifically the K24C08-RIT-A variant) is a specific type of Non-Volatile Memory (NVM) chip. It belongs to the **EEPROM** (Electrically Erasable Programmable Read-Only Memory) family, widely used for storing small amounts of data that must be preserved when power is removed. --- ## 1. Key Specifications The part number breaks down into specific technical characteristics: | Feature | Specification | | :--- | :--- | | **Memory Capacity** | 8 Kbits (1024 x 8 bits) | | **Interface** | I2C (Two-Wire) Serial Interface | | **Operating Voltage** | 1.8V to 5.5V (Wide Range) | | **Clock Frequency** | 400 kHz (Fast Mode) / 1 MHz (Fast Mode Plus) | | **Package Type** | TSSOP-8 (indicated by the "R" suffix in many contexts) | | **Temperature Range** | Industrial (-40°C to +85°C) | --- ## 2. Pin Configuration (TSSOP-8) Most K24C08 chips in the 8-pin configuration follow this standard layout: | Pin Number | Name | Function | | :--- | :--- | :--- | | 1, 2, 3 | A0, A1, A2 | Address Inputs (Used to set the device I2C address) | | 4 | VSS | Ground | | 5 | SDA | Serial Data (Bi-directional) | | 6 | SCL | Serial Clock Input | | 7 | WP | Write Protect (Hardware protection against writing) | | 8 | VCC | Power Supply | --- ## 3. Core Functionality ### I2C Communication The device acts as a **Slave** on the I2C bus. It requires a Master (like a microcontroller) to initiate data transfers. It uses a 7-bit device address, where the first 4 bits are fixed (usually `1010`) and the remaining bits are determined by the physical wiring of pins A0-A2. ### Memory Organization The 8Kb memory is organized into **4 blocks of 256 bytes** each. Because the I2C protocol uses an 8-bit word for internal addressing (0-255), the K24C08 uses functional "Page Select" bits within the I2C Control Byte to switch between these four blocks. ### Endurance and Retention * **Write Cycles:** Typically rated for 1,000,000 (1 Million) write cycles. * **Data Retention:** Can hold data for over 40 to 100 years without power. --- ## 4. Typical Application Circuit When integrating this part into a circuit, pay attention to the pull-up resistors required for the I2C bus. ```cpp // Typical I2C Pull-up Requirement // SDA and SCL lines must be pulled to VCC via 4.7k or 10k resistors. VCC (3.3V) ---- [4.7k Ohm] ---- SDA VCC (3.3V) ---- [4.7k Ohm] ---- SCL ``` --- ## 5. Applications * **Consumer Electronics:** Storing user settings, volume levels, or channel presets. * **Industrial:** Calibration data, serial numbers, and error logs. * **PC Peripherals:** Storing configuration data for monitors or keyboards.
    ✨ Follow-up Questions
    • ⤷ What is the difference between the K24C08 and a standard 24C02 EEPROM?
    • ⤷ How do I implement the Write Protect (WP) pin in a circuit?
    • ⤷ Can this chip be powered by a 5V microcontroller like an Arduino Uno?