K1603T-R
AI

The **K1603T-R** is a specific electronic component, typically categorized as a **Surface Mount Device (SMD) Quartz Crystal Oscillator**. It is widely used in telecommunications, consumer electronics, and computing to provide a precise frequency reference.
---
### 1. Key Technical Specifications
Below are the general parameters for the K1603T-R series:
| Parameter | Specification |
| :--- | :--- |
| **Frequency Range** | Usually 32.768 kHz (standard for "T" series) |
| **Package Type** | SMD (Surface Mount Device) |
| **Load Capacitance** | Typically 6.0pF to 12.5pF |
| **Frequency Tolerance** | ±20ppm (Standard) |
| **Operating Temperature** | -40°C to +85°C |
| **Package Size** | 1.6mm x 1.0mm (Ultra-miniature) |
---
### 2. Functional Description
The K1603T-R acts as the "heartbeat" of a circuit. Because it is often a **32.768 kHz** crystal, its primary role is to drive **Real-Time Clocks (RTC)**.
* **Frequency Logic:** The frequency $2^{15}$ Hz (32,768 Hz) is used because it can be easily divided by 2 fifteen times to result in exactly a 1-second pulse.
* **Material:** It utilizes a Tuning Fork crystal design made of synthetic quartz.
* **Encapsulation:** The "R" in the suffix often denotes high reliability or tape-and-reel packaging for automated assembly.
---
### 3. Application Areas
The ultra-small footprint (1.6mm x 1.0mm) makes it ideal for space-constrained devices:
1. **Wearables:** Smartwatches and fitness trackers.
2. **Mobile Devices:** Smartphones and tablets for timekeeping during sleep modes.
3. **IoT Sensors:** Battery-powered sensors that require low power consumption.
4. **Medical Devices:** Portable diagnostic tools.
---
### 4. Typical Circuit Integration
In a typical PCB layout, the K1603T-R is connected to the XTAL_IN and XTAL_OUT pins of a Microcontroller (MCU).
```c
// Conceptual representation of a RTC initialization using a 32.768kHz crystal
void init_RTC() {
RTC_ClockSource_Config(EXT_CRYSTAL); // Selects K1603T-R as source
RTC_SetPrescaler(32767); // Divide by 32768 to get 1Hz
RTC_Enable(); // Start timekeeping
}
```
- ⤷
What is the difference between the 12.5pF and 7pF versions of this crystal?
- ⤷ How does temperature affect the frequency stability of the K1603T-R?
- ⤷ Can this crystal be used in automotive applications?