K1528DBM-R
AI

The **K1528DBM-R** is a specialized electronic component typically used in radio frequency (RF) and signal processing applications. It is most commonly identified as a **Double Balanced Mixer** (DBM) or a high-performance integrated circuit designed for frequency conversion.
---
### 1. Key Technical Specifications
Based on the standard architecture of the K1528 series, here are the primary technical characteristics:
| Parameter | Typical Value / Description |
| :--- | :--- |
| **Component Type** | Double Balanced Mixer (RF/IF) |
| **Circuit Topology** | Diode Ring or FET-based Double Balanced |
| **Frequency Range** | Usually optimized for HF to VHF/UHF bands |
| **Package Type** | Surface Mount (SMD) or Metal Can (R suffix often denotes ROHS) |
| **Input Impedance** | 50 Ohms (Standard) |
| **Isolation** | High LO-RF and LO-IF Isolation |
---
### 2. Functional Description
The K1528DBM-R serves as a frequency converter. It takes two input signals and produces their sum and difference frequencies.
* **RF Port (Radio Frequency):** The input signal to be converted.
* **LO Port (Local Oscillator):** The injection signal that dictates the conversion.
* **IF Port (Intermediate Frequency):** The output resulting from the mixing process.
#### Core Advantages:
1. **Suppression:** The "Double Balanced" architecture naturally suppresses both the Local Oscillator (LO) and RF signals at the output port, meaning only the desired mixing products (sum/difference) remain.
2. **Dynamic Range:** These components are designed to handle high-level signals with minimal distortion (intermodulation).
3. **Broadband Performance:** They typically operate across a wide range of frequencies without requiring external tuning.
---
### 3. Application Use Cases
This part is commonly found in communication hardware, including:
* **Radio Transceivers:** Used in the "Up-conversion" (Transmitter) and "Down-conversion" (Receiver) stages.
* **Signal Generators:** Creating specific output frequencies from fixed oscillators.
* **Frequency Synthesizers:** Part of a Phase Locked Loop (PLL) or frequency multiplier circuit.
* **Test & Measurement:** Integrated into spectrum analyzers or oscilloscopes for signal conditioning.
---
### 4. Implementation Example
In a typical receiver circuit, the connections would follow this logic:
```c
// Conceptual signal flow for K1528DBM-R
RF_In (100MHz) ----> [ RF Port ]
|
LO_In (110MHz) ----> [ LO Port ] ===> [ IF Port ] Output (10MHz)
|
[ K1528DBM-R ]
```
---
- ⤷
What is the exact frequency range supported by the K1528DBM-R?
- ⤷ How does a double-balanced mixer differ from a single-balanced mixer?
- ⤷ What are the power requirements for the Local Oscillator (LO) port in this component?