K1525CAT-R
AI

## Analysis of the K1525CAT-R Electronic Component
The **K1525CAT-R** is a specific type of high-frequency electronic timing component, primarily manufactured by companies like **Champion Technologies** (now part of the Integrated Device Technology / Renesas ecosystem). It belongs to the family of **Crystal Clock Oscillators**.
---
### 1. Fundamental Specifications
This part is designed to provide a stable, continuous square wave signal for digital circuits. Below are the typical technical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | Quartz Crystal Clock Oscillator |
| **Package Style** | 14-pin DIP (Dual In-line Package) - 4 pins used |
| **Output Frequency** | Usually ranges from 1MHz to 100MHz (Specific to sub-model) |
| **Operating Voltage** | Typically 5.0V DC |
| **Output Logic** | TTL / HCMOS Compatible |
| **Operating Temperature** | Commercial (0°C to +70°C) or Industrial (-40°C to +85°C) |
---
### 2. Pin Configuration (Internal Mapping)
Although it follows the physical footprint of a 14-pin DIP integrated circuit, only four pins are functionally active.
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **Pin 1** | NC / Tri-State | No connection or Output Enable/Disable control. |
| **Pin 7** | GND | Circuit ground connection. |
| **Pin 8** | Output | The generated clock signal (Square Wave). |
| **Pin 14** | Vcc | Positive power supply (usually +5V). |
---
### 3. Key Features & Deciphering the Part Number
* **K1525 Series:** Indicates the specific architecture of the crystal oscillator, known for low jitter and high reliability in legacy computing systems.
* **CAT:** Usually refers to the frequency stability (often ±50ppm or ±100ppm) and the symmetry of the output waveform.
* **-R:** Often signifies **RoHS Compliance**, meaning the part is manufactured without hazardous substances like lead.
---
### 4. Common Applications
The K1525CAT-R is typically found in hardware that requires precise timing synchronization:
1. **Legacy Motherboards:** Providing the base clock for CPUs or BUS controllers.
2. **Telecommunications:** Synchronizing data transmission rates.
3. **Industrial Controllers:** Timing for PLCs and embedded automation systems.
4. **Audio/Video Gear:** Acting as a master clock for digital signal processing.
---
### 5. Circuit Implementation Example
When integrating this part, a decoupling capacitor is mandatory to ensure signal stability.
```c
// Typical Schematic Connection:
Vcc (5V) ----+---- [Pin 14]
|
[0.1uF Capacitor]
|
GND ---------+---- [Pin 7]
[Pin 8] ---------> [Clock Input of Microcontroller/FPGA]
```
- ⤷
What is the exact frequency of the K1525CAT-R variant you are looking at?
- ⤷ Are you looking for a modern surface-mount (SMD) equivalent for this DIP part?
- ⤷ Do you need the specific jitter and phase noise specifications for this oscillator?