K1523BAM-R
AI

The **K1523BAM-R** is a specific electronic component primarily identified as a **Crystal Oscillator**. These components are fundamental in electronics for generating precise timing signals or clock frequencies required by microprocessors and digital circuits.
---
### 1. Component Overview
The K1523BAM-R is part of a series of high-performance oscillators, often used in telecommunications and industrial computing.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Part Type** | Clock Oscillator / Crystal Oscillator |
| **Package Type** | DIP-14 (Dual In-line Package) or similar metal can |
| **Output Type** | CMOS / TTL Compatible |
| **Operating Voltage** | Usually 5.0V or 3.3V (Varies by sub-model) |
| **Frequency Stability** | Generally ±25ppm to ±100ppm |
---
### 2. Key Electronic Characteristics
#### A. Frequency Generation
The device uses a piece of quartz crystal that vibrates at a specific frequency when voltage is applied (the piezoelectric effect). The "K1523" series typically covers a wide range of frequencies, often in the MHz range.
#### B. Output Waveform
It produces a **Square Wave** output. This is essential for digital systems where "High" and "Low" states (1s and 0s) are used to synchronize data processing.
#### C. Stability and Precision
The "R" suffix often denotes **RoHS compliance** (Restriction of Hazardous Substances), meaning it is manufactured without lead or other toxic materials. The stability ensures that the clock does not drift significantly due to temperature changes or aging.
---
### 3. Pin Configuration (Typical for K1523 Series)
Since this is usually a 4-pin or 14-pin DIP footprint (with only 4 active pins), the layout generally follows this standard:
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | NC / E/D | No Connection or Enable/Disable (Tri-state) |
| **7/8** | GND | Ground connection |
| **8/11** | Output | The generated clock signal |
| **14** | Vcc | Power supply input |
---
### 4. Common Applications
* **Networking Hardware:** Routers, switches, and modems.
* **Industrial Controllers:** PLC (Programmable Logic Controllers) and automation sensors.
* **Legacy Computing:** Motherboards or expansion cards requiring a stable timing reference.
---
- ⤷
What is the exact operating frequency of the K1523BAM-R version you are using?
- ⤷ How does an oscillator differ from a simple crystal resonator?
- ⤷ What are the power consumption requirements for this specific oscillator series?