công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • K1110BACM-R

  • AI
    ## Analysis of K1110BACM-R The **K1110BACM-R** is a specific electronic component typically identified as a **Crystal Oscillator** or a specialized **Clock Generator** module, often manufactured by companies like Kyocera or related telecommunications component suppliers. These parts are critical for providing stable timing signals in high-frequency circuits. --- ### Technical Specifications Based on standard industry nomenclature for the K1110 series, the following parameters define the part: | Parameter | Typical Value / Description | |:---|:---| | **Component Type** | Crystal Oscillator (SPXO / VCXO) | | **Package Style** | Through-hole (DIP-14 or DIP-8 Compatible) | | **Output Frequency** | Usually ranges between 1MHz to 100MHz (Specific to sub-model) | | **Supply Voltage** | 5.0V DC (Standard for K1110 series) | | **Output Type** | CMOS / TTL Compatible | | **Operating Temp** | -10°C to +70°C (Commercial Grade) | --- ### Key Internal Parts and Functionality The module is an "Integrated" part, meaning it contains several sub-components inside its metal casing: 1. **Quartz Crystal Blank:** The heart of the part. It is a precision-cut piece of quartz that vibrates at a specific frequency when voltage is applied (piezoelectric effect). 2. **Oscillator IC:** A small integrated circuit that maintains the oscillation of the crystal and buffers the output signal to ensure it can drive other components without losing signal integrity. 3. **Bypass Capacitors:** Internal capacitors used to filter noise from the DC power supply, ensuring a stable frequency output. 4. **Hermetic Seal:** The metal "can" (housing) is vacuum-sealed or filled with inert gas to protect the quartz from moisture and aging. --- ### Part Number Breakdown While manufacturer coding varies, the suffix **"BACM-R"** typically denotes: * **B:** Frequency stability (often ±50ppm or ±100ppm). * **A:** Operating temperature range. * **CM:** Output logic type (CMOS/TTL). * **-R:** Compliance with **RoHS** (Restriction of Hazardous Substances) standards. --- ### Common Applications * **Legacy Computing:** Providing the master clock for 8-bit or 16-bit microprocessors. * **Telecommunications:** Synchronizing data transmission in networking hardware. * **Industrial Control:** Timing for PLC (Programmable Logic Controller) units. * **Radio Equipment:** Frequency synthesis in RF circuits. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact output frequency for the K1110BACM-R variant?
    • ⤷ What are the pinout configurations for a DIP-14 style oscillator like this?
    • ⤷ Are there modern SMD equivalents for this through-hole component?