JT-01A-R
AI

The **JT-01A-R** is a specific model of an **LCD Digital Temperature and Humidity Controller** (often utilized in egg incubators, pet enclosures, and green rooms). It functions as a dual-relay output system designed to maintain environmental stability.
---
### 1. Key Technical Specifications
The device operates on low-voltage DC power and uses a digital sensor to monitor real-time environmental data.
| Component | Specification |
| :--- | :--- |
| **Operating Voltage** | DC 12V (standard) |
| **Output Type** | Dual Relay (1 for Temperature, 1 for Humidity) |
| **Temperature Range** | -20°C to 60°C |
| **Humidity Range** | 0% to 100% RH |
| **Load Current** | 10A Max per relay |
| **Display** | High-definition LCD with blue/white backlight |
---
### 2. Main Electronic Modules
The JT-01A-R consists of several core stages within its PCB architecture:
#### A. Microcontroller Unit (MCU)
The "brain" of the device. It receives digital signals from the sensor, compares them against the user-defined setpoints, and sends signals to trigger the relays.
#### B. The Sensor (SHT20 or similar)
The device usually comes with a remote probe.
- **Type:** Digital Capacitive Humidity & Thermistor Temperature.
- **Communication:** I2C or specialized digital protocol to ensure no data loss over the cable length.
#### C. Relay Control Stage
There are two mechanical relays on the board:
- **Heating/Cooling Relay:** Switches power to a heater or a fan.
- **Humidify/Dehumidify Relay:** Switches power to an ultrasonic mister or a dryer.
#### D. Power Management
Includes a voltage regulator (usually a 78L05 or similar) to step down the 12V input to 5V or 3.3V for the MCU and LCD.
---
### 3. Connection Interface
The back of the unit typically features a terminal block. Below is the standard electronic pinout:
```markdown
Terminal Layout:
[ +12V ] -> Power Input Positive
[ GND ] -> Power Input Negative
[ SENS ] -> 3 or 4-pin Sensor Connector
[ T-RLY] -> Temperature Relay Contacts (Common/Normally Open)
[ H-RLY] -> Humidity Relay Contacts (Common/Normally Open)
```
---
### 4. Operational Logic
The electronic logic follows a **Hysteresis** model:
1. **Set Point:** Target value (e.g., 37°C).
2. **Backlash/Differential:** The range before the relay clicks back on (e.g., 0.5°C).
3. **Safety:** The MCU includes a delay function to prevent the relays from "chattering" (rapidly switching on/off), which protects the electronic life of the compressor or heater attached.
---
- ⤷How do I wire a 110V heater to the JT-01A-R relay output?
- ⤷ What are the common error codes for the JT-01A-R sensor?
- ⤷ Can the JT-01A-R be calibrated for higher accuracy?