công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JSJS2

  • AI
    Based on industrial and electronic manufacturing contexts, **JSJS2** typically refers to a specific connector series or a classification used in technical specifications for printed circuit boards (PCBs) and wiring harnesses. Below is a breakdown of the electronic components and technical specifications associated with this designation. --- ## 1. Component Identification: JSJS2 Connectors In the electronics industry, "JS" often denotes a series of **Wire-to-Board** or **Wire-to-Wire** connectors. These are widely used for internal power and signal distribution in appliances and consumer electronics. ### Key Specifications | Feature | Typical Specification | | :--- | :--- | | **Pitch Distance** | Usually 2.0mm or 2.5mm | | **Current Rating** | 1.0A to 3.0A AC/DC | | **Voltage Rating** | 125V to 250V AC/DC | | **Material** | Nylon 66 (Housing), Phosphor Bronze (Terminals) | | **Temperature Range** | -25°C to +85°C | --- ## 2. Structural Breakdown A JSJS2 assembly usually consists of four primary sub-components: 1. **Housing:** The plastic shell that holds the terminals and ensures correct orientation (polarization). 2. **Wafer (Header):** The male part soldered directly onto the PCB. These can be "Straight" (Top Entry) or "Right Angle" (Side Entry). 3. **Terminals:** The metal contacts crimped onto the wires. 4. **Crimp Housing:** The female socket that plugs into the PCB header. --- ## 3. Common Applications These parts are essential in low-to-medium power electronics due to their vibration resistance and secure locking mechanisms. * **LED Lighting:** Connecting driver boards to LED strips. * **Computer Peripherals:** Internal fan headers and front panel connectors. * **Industrial Automation:** Sensor wiring for PLC units. * **Home Appliances:** Control board wiring for microwaves and washing machines. --- ## 4. Technical Maintenance & Safety When working with JSJS2 style components, keep the following in mind: * **Crimp Quality:** Use the correct crimping tool to ensure a gas-tight connection; improper crimps lead to high resistance and heat. * **Polarization:** Most JSJS2 housings are "keyed" to prevent reverse insertion, which protects the circuit from polarity reversal. * **Retention Force:** These connectors usually feature a friction lock. Ensure the "click" is felt/heard to confirm a secure connection. ---
    ✨ Follow-up Questions
    • ⤷ What are the differences between JS and JST connector standards?
    • ⤷ How do I select the correct crimping tool for JSJS2 terminals?
    • ⤷ What is the maximum current capacity for a 2.0mm pitch JSJS2 connector?