công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JS100-R

  • AI
    The **JS100-R** is a high-performance, rotary-action electronic siren system commonly used for emergency signaling, industrial alerts, and public address systems. Below is a breakdown of its primary electronic components and their functions. --- ### Core Electronic Components | Component | Function | Specification/Details | | :--- | :--- | :--- | | **Control Logic Board** | The "brain" of the unit. | Manages signal processing, tone selection, and timing sequences. | | **Power Amplifier** | Signal magnification. | High-efficiency Class D or AB amplifier to drive the siren speaker. | | **Oscillator Circuit** | Tone generation. | Creates the base frequencies for Wail, Yelp, and Hi-Lo signals. | | **Microphone Input** | Public Address (PA). | Preamplified circuit for voice transmission. | | **Voltage Regulator** | Power stabilization. | Converts input voltage (usually 12V or 24V DC) to stable internal levels. | --- ### Technical Subsystems #### 1. Audio Processing Unit The JS100-R utilizes a **Digital Signal Processor (DSP)** or a specialized integrated circuit (IC) to ensure that the siren tones are sharp and piercing. This circuitry prevents frequency drift, ensuring the siren remains at the legal pitch required for emergency services. #### 2. Switching & Relays To handle high current loads, the JS100-R incorporates: * **Solid-State Relays (SSRs):** For silent, fast switching between different siren modes. * **MOSFETs:** Used for high-speed power switching and thermal efficiency. #### 3. Protection Circuitry To ensure longevity in harsh vehicle or industrial environments, the internal PCB includes: * **Reverse Polarity Protection:** Prevents damage if the battery leads are connected incorrectly. * **Overvoltage/Surge Protection:** Shields the sensitive electronics from vehicle alternator spikes. * **Thermal Cut-off:** Sensors that shut down the amplifier if the unit overheats. ### Connection Interface The unit typically features a multi-pin wiring harness that includes: * **Power (Red/Black):** Main 12V-24V DC input. * **Speaker Out:** High-wattage output to the siren driver. * **Trigger Wires:** Inputs connected to physical switches or a vehicle's horn ring. --- ### Comparison of JS100-R Variations | Feature | Standard Analog | Digital (R-Series) | | :--- | :--- | :--- | | **Tone Precision** | Crystal Tuned | Microprocessor Controlled | | **Input Voltage** | Fixed (12V) | Wide Range (10-30V DC) | | **PA Clarity** | Standard | High Fidelity (Reduced Distortion) |
    ✨ Follow-up Questions
    • ⤷What is the maximum wattage output for the JS100-R amplifier?
    • ⤷ Can the JS100-R be integrated into a vehicle's CAN-bus system?
    • ⤷ How do I troubleshoot a 'no sound' issue on this siren model?