JR16-R-4LMP11
AI

The **JR16-R-4LMP11** belongs to a specific series of industrial-grade connectors, typically part of the **Hirose (HRS) JR Series**. These connectors are designed to meet the rigorous demands of industrial equipment, communication devices, and high-reliability electronics.
---
### 1. Component Breakdown
The part number follows a specific nomenclature that defines its mechanical and electrical characteristics:
| Code Segment | Description | Specific Detail |
| :--- | :--- | :--- |
| **JR** | Series Name | Hirose JR Series (Standardized Circular) |
| **16** | Shell Size | Outer diameter of the mating interface (16mm) |
| **R** | Connector Type | **R** stands for **Receptacle** (Panel mount) |
| **4** | Number of Pins | Contains 4 electrical contacts |
| **L** | Contact Gender | **L** signifies Female contacts (Solder type) |
| **MP** | Shell Material | Metal Plug/Shell (High durability) |
| **11** | Variation Code | Specific configuration or revision number |
---
### 2. Key Technical Specifications
These connectors are built for stability and low resistance.
* **Current Rating:** Typically 5A to 10A per pin (depending on wire gauge).
* **Voltage Rating:** AC 300V / DC 420V.
* **Contact Resistance:** Maximum 5 mΩ at DC 1A.
* **Insulation Resistance:** Minimum 1,000 MΩ at DC 500V.
* **Mating Cycles:** Durable for 500+ insertions/extractions.
* **Vibration Resistance:** Designed to withstand high-frequency industrial vibration without signal loss.
---
### 3. Physical Construction
The JR16 series is favored for its rugged build:
1. **Shell:** Zinc alloy or Aluminum alloy with nickel plating for corrosion resistance.
2. **Insulator:** PPS (Polyphenylene Sulfide) resin, providing high heat resistance and UL94V-0 flammability rating.
3. **Contacts:** Copper alloy with Silver or Gold plating for superior conductivity.
4. **Coupling:** Screw-lock mechanism (Threaded) ensuring the connection does not vibrate loose.
---
### 4. Typical Applications
Because of its 4-pin configuration and robust shell, it is commonly used in:
* **Industrial Motors:** Power supply for small servo or stepper motors.
* **Medical Equipment:** High-reliability power and signal transmission.
* **Test & Measurement:** Connections for sensors and diagnostic tools.
* **Broadcast Media:** Professional audio/video equipment connections.
---
- ⤷
What is the difference between the 'R' (Receptacle) and 'P' (Plug) versions in this series?
- ⤷ Are there specific waterproof ratings (IP ratings) for the JR16-R-4LMP11?
- ⤷ What gauge of wire is recommended for soldering to these 4-pin contacts?