JR-55-R
AI

The **JR-55-R** is a specific model of a **DC Power Jack** (also known as a barrel connector) commonly used in electronic devices for power input. It is designed to be mounted onto a Printed Circuit Board (PCB).
Below is a detailed breakdown of its electronic specifications and physical characteristics.
---
### 1. Technical Specifications
The JR-55-R is categorized as a 2.1mm DC Power Jack. Its primary function is to provide a secure interface between an external power adapter and an internal circuit.
| Parameter | Specification |
| :--- | :--- |
| **Pin Diameter** | 2.1 mm |
| **Bushing Diameter** | 5.5 mm |
| **Current Rating** | 2A to 5A (depending on manufacturer) |
| **Voltage Rating** | 12V to 24V DC |
| **Contact Resistance** | ≤ 30mΩ |
| **Insulation Resistance** | ≥ 100MΩ (500V DC) |
| **Withstand Voltage** | 500V AC for 1 minute |
---
### 2. Physical Construction & Pinout
The "R" in the model name typically indicates a **Right-Angle** PCB mount configuration. It usually features three terminals:
1. **Center Pin (Tip):** Usually connected to the Positive (+) terminal.
2. **Outer Sleeve (Barrel):** Usually connected to the Negative/Ground (-) terminal.
3. **Shunt/Switch Pin:** A third pin that acts as a physical switch. When no plug is inserted, it connects to the sleeve pin. When a plug is inserted, the connection is broken. This is often used to disconnect an internal battery when an external power supply is plugged in.
---
### 3. Materials
The longevity of the part depends on the materials used in its construction:
* **Housing:** High-temperature PBT or Nylon (PA66) for wave soldering compatibility.
* **Center Pin:** Brass (Nickel or Tin plated).
* **Contacts:** Phosphor Bronze or Copper Alloy.
---
### 4. Common Applications
* **Arduino/Microcontroller Boards:** Often used as the primary power input.
* **Consumer Electronics:** Routers, LED strip controllers, and external hard drive enclosures.
* **DIY Projects:** Providing a standard 12V DC input interface.
---
- ⤷
How do I determine if my power adapter is compatible with the 2.1mm pin of the JR-55-R?
- ⤷ What is the purpose of the third 'shunt' pin in a DC jack circuit?
- ⤷ Can I use a JR-55-R for high-current applications above 5 Amps?