AI

The **JR-54-R** typically refers to a specific series of **DC Power Jacks (Barrel Connectors)**, commonly manufactured by electronic component suppliers like *Zhenqi* or *Lumberg-style* equivalents. These are fundamental components used to deliver low-voltage DC power to consumer electronics.
---
### 1. Technical Specifications
The "R" usually denotes a **Right Angle** orientation or a **Rear-mount** configuration depending on the specific manufacturer's datasheet. Below are the standard electronic characteristics:
| Parameter | Typical Value |
| :--- | :--- |
| **Rated Voltage** | 12V to 30V DC |
| **Rated Current** | 0.5A to 5.0A (varies by pin size) |
| **Contact Resistance** | ≤ 30mΩ |
| **Insulation Resistance** | ≥ 100MΩ (at 500V DC) |
| **Dielectric Strength** | 500V AC for 1 minute |
| **Life Cycle** | 5,000+ insertions |
---
### 2. Physical Construction
The JR-54-R is comprised of three primary physical layers:
1. **Housing:** Usually made of **PBT (Polybutylene Terephthalate)** or High-temp Nylon, which provides heat resistance during soldering.
2. **Center Pin:** A conductive metal rod (sizes commonly include 1.3mm, 2.1mm, or 2.5mm).
3. **Shunt/Switch Terminal:** Many versions include a "normally closed" switch contact. When the plug is inserted, it breaks the connection between internal battery power and the device, switching it to external DC power.
---
### 3. Pinout and Mounting
This component is designed for **Through-Hole Technology (THT)** mounting on a Printed Circuit Board (PCB).
* **Pin 1:** Center Pin (Positive/VCC)
* **Pin 2:** Outer Sleeve (Ground/GND)
* **Pin 3:** Shunt/Switch (used for battery bypass circuits)
#### Wiring Diagram Example
```text
[ Jack Face ]
/ \
(Pin 2) (Pin 1) <-- Center Pin
| |
(Pin 3) ----/ <-- Shunt Switch
```
---
### 4. Applications
Because of its small footprint and reliable power delivery, the JR-54-R series is found in:
* **Networking Gear:** Routers, Modems, and Switches.
* **Consumer Tech:** Digital photo frames, LED strips, and small speakers.
* **DIY Projects:** Arduino or Raspberry Pi power input modules.
---
- ⤷What is the exact center pin diameter for the JR-54-R model?
- ⤷ Can the JR-54-R handle high-wattage devices above 60W?
- ⤷ How do I wire the shunt pin to switch between battery and DC power?