JR-4A-R
AI

The **JR-4A-R** is a specific model of a **4-Channel Relay Module**, commonly used in industrial automation and PLC (Programmable Logic Controller) systems to interface low-power control signals with high-power loads.
### 1. General Specifications
Below is a breakdown of the typical technical characteristics of the JR-4A-R module:
| Component / Feature | Specification |
| :--- | :--- |
| **Number of Channels** | 4 Channels (Individual Relays) |
| **Coil Voltage** | Usually 24V DC (Standard for Industrial PLC) |
| **Contact Capacity** | 5A to 10A at 250V AC / 30V DC |
| **Mounting Type** | DIN Rail Mounting (Standard 35mm) |
| **Signal Input** | NPN / PNP Universal (Compatible with most PLCs) |
| **Contact Form** | 1 Form A (SPST - Normally Open) or 1 Form C (SPDT) |
---
### 2. Electronic Component Breakdown
The JR-4A-R is not just a relay; it includes several protection and signaling components to ensure reliable operation:
* **Electromagnetic Relays:** The core switching element that uses an electromagnet to mechanically operate a switch.
* **Optocoupler (Optical Isolation):** Most units feature optoisolation between the input signal and the relay coil. This protects the PLC or microcontroller from back-EMF and voltage spikes.
* **Flyback Diode (Freewheeling Diode):** Placed across the relay coil to dissipate the inductive voltage spike generated when the coil is de-energized.
* **LED Status Indicators:** Each channel usually has a surface-mount LED to provide visual confirmation when a specific relay is energized.
* **Varistor (Optional/Model Specific):** Some versions include a varistor at the output contacts to suppress arcs and protect against contact welding.
---
### 3. Wiring and Pinout Logic
The module is designed for ease of installation using screw terminals.
#### Input Side (Signal)
* **VCC/COM:** Common power line for the trigger signals.
* **IN1 - IN4:** Trigger pins for the four individual channels.
* **Jumper/Switch:** Often includes a way to select between **NPN** (Low-level trigger) and **PNP** (High-level trigger) logic.
#### Output Side (Load)
* **NO (Normally Open):** The circuit is open when the relay is off.
* **COM (Common):** The shared terminal for the load power.
* **NC (Normally Closed):** (If applicable) The circuit is closed when the relay is off.
---
### 4. Typical Application Circuit
```python
# Conceptual logic for a PLC controlling the JR-4A-R
Input_Signal = PLC_Output_Q0_0
Relay_Channel = JR_4A_R_Channel_1
if Input_Signal == HIGH:
Relay_Coil = ENERGIZED
Load_Circuit = CLOSED (Power flows to Motor/Lamp)
else:
Relay_Coil = DE_ENERGIZED
Load_Circuit = OPEN
```
- ⤷
What is the difference between NPN and PNP triggering in this relay module?
- ⤷ Can the JR-4A-R be used directly with an Arduino or Raspberry Pi?
- ⤷ What are the specific dimensions for DIN rail mounting?