công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JR-33-R

  • AI
    The **JR-33-R** typically refers to a specific series of **Rocker Switches**, often manufactured by companies like *JIA RONG* or found in high-current industrial equipment. These parts are critical for manual power control in appliances and industrial machinery. --- ## 1. Technical Specifications The "JR-33" series is generally characterized by its high power rating and physical configuration. Below are the standard electrical specifications for these components: | Feature | Specification | | :--- | :--- | | **Switch Type** | Rocker Switch | | **Contact Configuration** | DPST (Double Pole, Single Throw) or DPDT | | **Current Rating** | 16A to 20A (depending on voltage) | | **Voltage Rating** | 125V AC / 250V AC | | **Illumination** | Often features a built-in Neon or LED lamp | | **Operating Temperature** | -25°C to +85°C | --- ## 2. Key Electronic Components The internal construction of the JR-33-R includes several vital sub-parts that ensure safety and conductivity: ### A. Moving Contacts (The Bridge) * **Material:** Usually Silver Alloy or Copper with Silver plating. * **Function:** This is the part that physically moves to complete or break the circuit. Silver is used to minimize electrical resistance and reduce "arcing" (sparking) when switching high loads. ### B. Terminal Pins * **Type:** 4-pin or 6-pin configurations. * **Mounting:** Quick-connect terminals (spade terminals) allowing for easy wiring without soldering in many industrial applications. ### C. Internal Resistor & Lamp * The **"R"** in the part number often signifies **Red illumination**. * Inside the plastic housing, there is a small **Neon lamp** connected in series with a **Current-Limiting Resistor**. This allows the switch to glow when in the "ON" position without burning out from the high AC voltage. ### D. Housing Material * Made from **Polyamide (Nylon 66)** or similar flame-retardant plastics (UL94V-2 rated) to ensure the part does not catch fire under electrical stress. --- ## 3. Circuit Wiring Diagram For a standard 4-pin JR-33-R illuminated switch, the pinout is typically arranged as follows: ```text [Line In L] (1) ---- [ (3) Load L ] [Line In N] (2) ---- [ (4) Load N ] ^ ^ | | Source Device ``` *Note: The internal lamp is usually connected across pins 3 and 4 so that it only lights up when the switch is closed (ON).* ---
    ✨ Follow-up Questions
    • ⤷ How do I test a JR-33-R switch using a multimeter?
    • ⤷ What is the difference between a 4-pin and a 6-pin JR-33-R switch?
    • ⤷ Are there waterproof versions of the JR-33 series?