JR-1B-R
AI

The **JR-1B-R** is a specific part number primarily associated with **power entry modules** or **rocker switches** produced by manufacturers like **Canal Components** or **Zippy Technology**. It is most commonly found in computer power supplies, industrial machinery, and consumer electronics.
Below is a detailed breakdown of its electronic specifications and characteristics.
### 1. General Specifications
The JR-1B-R is typically a non-illuminated, single-pole single-throw (SPST) or single-pole double-throw (SPDT) rocker switch integrated into a power socket.
| Feature | Specification (Typical) |
| :--- | :--- |
| **Component Type** | Rocker Switch / Power Entry Module |
| **Rating (AC)** | 10A 250V AC / 15A 125V AC |
| **Contact Resistance** | < 50 mΩ (initial) |
| **Insulation Resistance** | > 100 MΩ at 500V DC |
| **Dielectric Strength** | 1,500V AC for 1 minute |
| **Mechanical Life** | > 10,000 Cycles |
| **Operating Temp** | -25°C to +85°C |
---
### 2. Key Components & Construction
The "JR-1B-R" designation usually refers to specific physical attributes:
* **Housing:** Made of high-temperature thermoplastic (usually UL 94V-0 rated for flame retardancy).
* **Actuator:** The rocker part of the switch. The **"R"** in the suffix often denotes the color **Red** or a specific **Rectangular** shape depending on the manufacturer's datasheet.
* **Terminals:** Silver-plated brass or copper alloy. These are usually designed for "Quick Connect" spade terminals or direct soldering.
* **Mounting:** Snap-in mounting style for easy installation into a rectangular panel cutout.
---
### 3. Circuit Diagram (SPST)
Most JR-1B-R units function as a simple ON-OFF bridge for the "Hot" (Live) wire in an AC circuit.
```text
[Line In] ----( Terminal 1 )
|
[Switch] <-- Actuator
|
[Load Out] ----( Terminal 2 )
```
---
### 4. Common Applications
Due to its robust current rating (10A-15A), it is used in:
1. **PC Power Supplies (PSUs):** As the primary master power switch at the back of the unit.
2. **Power Strips:** For surge protection and manual cutoff.
3. **Lab Equipment:** Providing a physical disconnect for safety.
4. **Office Machines:** Printers, copiers, and shredders.
---
### 5. Identification Suffixes
* **JR:** Series code (High current rocker).
* **1B:** Circuit configuration (Internal contact arrangement).
* **R:** Color indicator (Red) or Terminal type (Right-angle/Rear). *Check specific manufacturer datasheet to confirm.*
---
- ⤷What is the standard panel cutout size for a JR-1B-R switch?
- ⤷ Does the JR-1B-R come in an illuminated LED version?
- ⤷ What are the safety certifications (UL
- ⤷ VDE) usually associated with this part?