JR-16-R/BL
AI

The **JR-16-R/BL** is a specific electronic component typically categorized as a **High-Current Rocker Switch** or an **Industrial Power Switch**. It is widely used in power strips, industrial machinery, and household appliances.
The model number suffix usually indicates the visual and functional characteristics: **"R"** typically stands for Red, and **"BL"** refers to the Light/Illumination (Red Illuminated).
---
### Technical Specifications
Below are the general electronic parameters for this component type:
| Parameter | Specification |
| :--- | :--- |
| **Switch Type** | Rocker Switch (Single Pole Single Throw - SPST) |
| **Current Rating** | 16A @ 250V AC / 20A @ 125V AC |
| **Voltage (Lamp)** | 110V - 250V AC (Neon Bulb) |
| **Contact Resistance** | ≤ 50mΩ |
| **Insulation Resistance** | ≥ 100MΩ |
| **Dielectric Strength** | 1500V AC / 1 minute |
| **Electrical Life** | ≥ 10,000 Cycles |
---
### Internal Components and Materials
The JR-16 series is designed for durability and heat resistance. Its construction includes:
1. **Housing (Body):** Made of **Nylon 66 (PA66)**. This material is chosen for its high melting point and flame-retardant properties (UL94V-2 or V0).
2. **Actuator (Rocker):** Transparent or translucent Polycarbonate (PC) to allow light from the internal lamp to pass through.
3. **Contacts:** Usually **Silver Alloy** (AgNi or AgSnO2) to prevent oxidation and handle high-current arcing.
4. **Terminals:** Brass with silver or tin plating for better conductivity and ease of soldering/quick-connect.
5. **Illumination Source:** A small **Neon Lamp** coupled with a current-limiting resistor, allowing it to glow when the circuit is closed.
---
### Pin Configuration
The JR-16-R/BL usually features **3 pins** (terminals):
* **Pin 1 (Line):** Main power input.
* **Pin 2 (Load):** Connection to the device being powered.
* **Pin 3 (Neutral/Ground):** Connected to the neutral line specifically to complete the circuit for the **Internal Indicator Light**.
---
### Wiring Example (Pseudo-code Logic)
If you were to represent the electrical state of this switch in a logic controller:
```python
# Logic for an illuminated Rocker Switch
switch_state = "OFF"
lamp_status = "OFF"
def toggle_switch(input_voltage):
if input_voltage > 0:
switch_state = "ON"
lamp_status = "ILLUMINATED" # The BL (Light) feature
return "Circuit Closed - Device Running"
else:
switch_state = "OFF"
lamp_status = "DARK"
return "Circuit Open - Device Off"
```
---
- ⤷What is the difference between a 3-pin and 4-pin version of this switch?
- ⤷ Can this switch be used with DC voltages like 12V or 24V?
- ⤷ How do I identify which terminal is for the neutral indicator light?