JPQ2-7B-R
AI

The **JPQ2-7B-R** is a high-performance, surface-mount (SMD) directional coupler typically used in RF (Radio Frequency) and microwave applications. It belongs to the JPQ series, often manufactured by companies like Mini-Circuits or similar RF component specialists.
---
### ## Technical Specifications
Below is a breakdown of the typical electronic characteristics for the JPQ2-7B-R:
| Parameter | Typical Value |
| :--- | :--- |
| **Frequency Range** | 5.0 - 7.0 GHz |
| **Coupling Nominal** | 7.0 dB |
| **Mainline Loss** | 1.2 - 1.5 dB (Average) |
| **Directivity** | 18 - 20 dB |
| **VSWR (Input/Output)** | 1.2:1 to 1.3:1 |
| **Power Handling** | Up to 1W - 2W (CW) |
| **Package Style** | SMD (Surface Mount Device) |
---
### ### Key Electronic Components & Internal Structure
The JPQ2-7B-R operates on the principle of **electromagnetic coupling**. While it appears as a single ceramic or plastic block, its internal architecture consists of:
1. **Stripline/Microstrip Couplers:** Inside the casing, there are precisely etched copper traces on a high-frequency substrate (like PTFE or Ceramic). These traces are placed in close proximity to allow energy to transfer from the "Main" line to the "Coupled" line via electromagnetic fields.
2. **Impedance Matching Network:** The internal geometry is designed to maintain a **50 Ohm characteristic impedance**. This minimizes signal reflection (VSWR).
3. **Termination Resistor (Optional/Internal):** Depending on the specific 4-port configuration, one port may be internally terminated to ensure it functions as a 3-port directional coupler.
---
### ### Pin Configuration & Functions
Typically, this component features a 6-pin or 4-pin SMD layout. The primary signal paths are:
* **Input Port:** Where the high-power RF signal enters.
* **Output Port (Transmitted):** Where the majority of the signal exits (minus the coupled and lost energy).
* **Coupled Port:** Provides a reduced-power sample of the input signal (nominally -7dB lower).
* **Isolated Port:** Ideally carries no signal; usually grounded or terminated to prevent reflections.
---
### ### Typical Applications
* **Signal Monitoring:** Measuring the power level of a transmitter without interrupting the main signal path.
* **Feedback Loops:** Providing a sample signal to an Automatic Gain Control (AGC) circuit.
* **Antenna VSWR Measurement:** Detecting reflected power to determine antenna health.
* **Power Splitting:** Dividing a signal into two unequal paths for balanced amplifiers.
- ⤷What is the difference between a 7dB and a 10dB coupler in this series?
- ⤷ How does temperature affect the coupling accuracy of the JPQ2-7B-R?
- ⤷ Can this component be used in 5G infrastructure applications?