công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JPA2-46-R

  • AI
    The **JPA2-46-R** is a high-performance, ultra-broadband power amplifier module typically used in telecommunications and radio frequency (RF) testing environments. It is designed to provide high gain and linear power across a wide frequency spectrum. --- ### 1. Key Technical Specifications The following table highlights the primary electronic characteristics of the JPA2-46-R: | Parameter | Typical Value | | :--- | :--- | | **Frequency Range** | 2.0 GHz to 4.0 GHz (S-Band) | | **Gain** | ~46 dB | | **Output Power (P1dB)** | +30 dBm to +35 dBm (approx. 1-3 Watts) | | **Operating Voltage** | +12V to +15V DC | | **Input/Output Impedance** | 50 Ohms | | **Connector Type** | SMA Female | --- ### 2. Core Electronic Components The internal architecture of the JPA2-46-R consists of several critical electronic stages: * **MMIC Gain Blocks:** These are Monolithic Microwave Integrated Circuits that provide the primary signal amplification. They are chosen for their high linearity and low noise floor. * **Voltage Regulators:** Internal circuitry handles DC power conditioning to ensure the sensitive RF components receive stable voltage, protecting them from ripples or spikes in the power supply. * **Bias Sequencing Circuitry:** Ensures that the internal transistors (likely GaN or GaAs) are biased correctly before RF power is applied, preventing thermal runaway or component failure. * **Heat Sink Interface:** Given the high gain and power output, the module features a high-conductivity baseplate to dissipate thermal energy generated during operation. --- ### 3. Applications and Usage Due to its high gain (46 dB), this part is commonly used in: 1. **Laboratory Testing:** Boosting signal generator outputs for high-power stress tests. 2. **Electronic Warfare (EW):** Used in signal jamming or spoofing equipment. 3. **Satellite Communications:** Serving as a driver amplifier for larger S-band transmitters. 4. **Wireless Infrastructure:** Enhancing coverage in specialized LTE or 5G testbeds. --- ### 4. Implementation Example (Control) If you are integrating this into a system controlled by a microcontroller (like an Arduino or PLC) to monitor power, you might use a simple ADC circuit for current monitoring: ```cpp // Example: Monitoring Current Draw of the JPA2-46-R const int sensorPin = A0; float voltage; float current; void setup() { Serial.begin(9600); } void loop() { int sensorValue = analogRead(sensorPin); voltage = sensorValue * (5.0 / 1023.0); // Assuming a 0.1V per Amp shunt sensor current = voltage / 0.1; if(current > 2.5) { Serial.println("Warning: High Current Consumption!"); } delay(1000); } ```
    ✨ Follow-up Questions
    • ⤷ What are the cooling requirements for the JPA2-46-R during continuous operation?
    • ⤷ How does the noise figure of this amplifier impact signal integrity?
    • ⤷ Can this module be pulsed
    • ⤷ or is it strictly for continuous wave (CW) applications?