AI

Based on the part number provided, the **JPA2-16-R** is a high-performance, shielded, right-angle surface mount (SMT) **USB Type-C Connector**. It is commonly used in consumer electronics for power delivery and high-speed data transfer.
Below is a breakdown of its electronic and mechanical specifications.
### 1. Technical Specifications
| Feature | Specification |
| :--- | :--- |
| **Connector Type** | USB Type-C (Female/Receptacle) |
| **Pin Count** | 16-Pin (Optimized for Charging & USB 2.0/3.0) |
| **Orientation** | Right Angle / Horizontal |
| **Mounting Type** | Surface Mount (SMT) + Mid-Mount/Hybrid |
| **Current Rating** | 3.0A to 5.0A (Varies by pin configuration) |
| **Voltage Rating** | 20V DC |
| **Data Rate** | Supports USB 2.0 / USB 3.1 Gen 1/2 |
---
### 2. Key Electronic Features
* **16-Pin Configuration:** Unlike the full 24-pin USB-C connectors, the 16-pin version usually removes the high-speed differential pairs not required for standard charging and USB 2.0 data, making it more cost-effective and easier to solder while still supporting **USB Power Delivery (PD)**.
* **EMI/RFI Shielding:** The "R" in the suffix often denotes a specific packaging (Reel) or a revised shielding design. The metal shell provides grounding points to reduce electromagnetic interference.
* **Durability:** Designed for high insertion cycles (typically 10,000 cycles), featuring high-temperature thermoplastic housing to withstand reflow soldering temperatures.
---
### 3. Pinout Functional Groups
| Group | Function | Description |
| :--- | :--- | :--- |
| **VBUS** | Power | Main power line for charging and operation. |
| **GND** | Ground | Return path for power and signal shielding. |
| **CC1/CC2** | Configuration | Used for cable detection and Power Delivery negotiation. |
| **D+/D-** | Data | Differential pair for USB 2.0 data transfer. |
| **SBU1/SBU2**| Sideband | Used for alternate modes (e.g., Audio/Video) if supported. |
---
### 4. Typical Applications
* **Mobile Devices:** Smartphones, tablets, and handheld consoles.
* **Peripherals:** Power banks, keyboards, and external hard drives.
* **IoT Hardware:** ESP32/Arduino development boards requiring Type-C power.
---
- ⤷What is the difference between a 16-pin and a 24-pin USB-C connector?
- ⤷ Can this connector be used for 100W Power Delivery?
- ⤷ What are the recommended soldering temperatures for the JPA2-16-R?