công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JPA2-14W-R

  • AI
    ## Detailed Technical Analysis: JPA2-14W-R The **JPA2-14W-R** is a high-performance, surface-mount (SMT) Common Mode Choke/Filter typically utilized in telecommunications and high-speed data networking interfaces. It is designed to suppress electromagnetic interference (EMI) while maintaining signal integrity. --- ### 1. Component Overview This part belongs to a class of magnetic components used for noise suppression in differential signal lines. The "R" suffix generally indicates compliance with RoHS standards (Lead-Free). | Feature | Specification Details | | :--- | :--- | | **Component Type** | Common Mode Choke / EMI Filter | | **Mounting Type** | Surface Mount (SMD) | | **Turns Ratio** | 1:1 (Typical for Filters) | | **Applications** | Ethernet, xDSL, ISDN, Telephony | | **Packaging** | Tape & Reel (T&R) | --- ### 2. Electronic Characteristics The electronic performance of the JPA2-14W-R is defined by its ability to block noise while allowing the desired signal to pass through. * **Common Mode Impedance:** Designed to provide high impedance at high frequencies to "choke" out unwanted noise. * **Isolation Voltage:** Usually rated for **1500Vrms** minimum to protect sensitive circuitry from high-voltage surges on the line. * **DC Resistance (DCR):** Optimized to be very low to prevent signal attenuation and heat dissipation. * **Insertion Loss:** Minimal loss within the operating frequency band of the specific application (e.g., 100kHz to 100MHz). --- ### 3. Pinout and Circuit Schematic While specific manufacturer datasheets vary slightly, the standard internal configuration for a 14W series filter is as follows: ```text Line Side (Input) Chip Side (Output) [Pin 1] ----(Coil A)---- [Pin 4] [Pin 2] ----(Coil B)---- [Pin 3] (Note: Pins 5-8 may be used for additional windings or structural stability depending on the specific foot-print) ``` --- ### 4. Key Application Areas * **Local Area Networks (LAN):** Used in 10/100/1000 Base-T Ethernet ports. * **Modems:** Protecting DSL/ADSL lines from high-frequency interference. * **Industrial Controls:** Filtering noise in RS-485 or CAN bus environments. * **Power Supplies:** Occasionally used in low-current DC-DC converters to reduce ripple. --- ### 5. Physical Characteristics * **Construction:** Ferrite core with copper wire windings, encapsulated in a high-temperature plastic housing. * **Solderability:** Compatible with lead-free reflow soldering profiles (typically peak temperatures of 245°C - 260°C).
    ✨ Follow-up Questions
    • ⤷ What is the exact footprint dimensions for the JPA2-14W-R?
    • ⤷ How does the isolation voltage of this part compare to standard Ethernet transformers?
    • ⤷ Can this component be used in PoE (Power over Ethernet) applications?