công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JN2FS10SLN-R

  • AI
    The **JN2FS10SLN-R** is a high-performance, small-size circular connector manufactured by **JAE (Japan Aviation Electronics)**. It belongs to the JN2 series, which is designed for industrial equipment and specifically engineered to be waterproof and vibration-resistant. --- ### 1. Key Technical Specifications The following table summarizes the primary electrical and physical characteristics of the JN2FS10SLN-R: | Feature | Specification | | :--- | :--- | | **Series** | JN2 (Small Circular Connector) | | **Number of Contacts** | 10 Pins | | **Connector Style** | Straight Plug | | **Contact Type** | Socket (Female) | | **Termination Method** | Solder | | **Rated Current** | 3A per contact | | **Rated Voltage** | 200 VAC | | **Waterproof Rating** | IP67 (when mated) | | **Shell Size** | S (Small) | --- ### 2. Physical Design and Construction The JN2FS10SLN-R is built to withstand harsh environments. Its construction includes several specialized components: * **One-touch Locking Mechanism:** It features a "push-pull" mating system. You push it in to lock and pull the outer sleeve to unlock, making it ideal for tight spaces where turning a screw-thread is difficult. * **Material:** The outer shell is typically made of a high-strength synthetic resin (plastic), making it lightweight and reinforced for durability. * **Strain Relief:** The "LN" in the part number usually indicates a specific type of cable bushing or nut designed to secure the cable and prevent internal wires from snapping under tension. --- ### 3. Application Areas Due to its robust nature and IP67 rating, this connector is commonly found in: 1. **Industrial Robotics:** Used in sensors and control lines for robotic arms. 2. **Factory Automation:** Connecting PLC systems to peripheral devices. 3. **Servo Motors:** Often used for encoder or power connections in small motor systems. 4. **Medical Equipment:** Where reliability and easy cleaning/water resistance are necessary. --- ### 4. Integration Note (Soldering) When integrating this part into a circuit, ensure you use the correct wire gauge (typically **20-28 AWG** depending on the specific insert) and follow standard ESD precautions. ```markdown # Soldering Tip Ensure that heat shrink tubing is applied to each individual wire after soldering to the socket pins to prevent short-circuiting within the compact shell of the JN2 connector. ```
    ✨ Follow-up Questions
    • ⤷ What are the compatible mating receptacles for the JN2FS10SLN-R?
    • ⤷ Does this connector require a specific crimping tool if I use crimp contacts instead of solder?
    • ⤷ What is the maximum operating temperature range for this JN2 series connector?