JN2DS10SL3-R
AI

The **JN2DS10SL3-R** is a high-performance, waterproof circular connector manufactured by **JAE (Japan Aviation Electronics)**. It belongs to the JN2 series, which is designed for industrial applications requiring durability and ease of use.
---
### 1. General Specifications
This part is a **10-contact, straight plug** connector. It is primarily used in small motors and industrial machinery.
| Feature | Specification |
| :--- | :--- |
| **Manufacturer** | JAE (Japan Aviation Electronics) |
| **Number of Contacts** | 10 |
| **Gender** | Plug (Male Housing) |
| **Termination Method** | Solder (Contacts sold separately or integrated) |
| **Rated Current** | 3A per contact |
| **Rated Voltage** | 200 VAC |
| **Ingress Protection** | IP67 (Waterproof when mated) |
---
### 2. Key Design Features
* **One-Touch Locking:** It features a "push-twist" locking mechanism that allows for quick mating and unmating, making it ideal for environments where vibration is present.
* **Space-Saving:** The "SL" designation refers to the slim and compact shell design, allowing it to fit into tight spaces in robotic arms or CNC machines.
* **Durability:** The outer shell is typically made of a synthetic resin, which provides high insulation and resistance to corrosion while remaining lightweight.
* **Environmental Sealing:** When mated, the connector achieves an **IP67 rating**, meaning it is dust-tight and can withstand immersion in water up to 1 meter for 30 minutes.
---
### 3. Pinout and Internal Construction
The JN2DS10SL3-R is designed for signal transmission. The "10" in the part number indicates it has 10 positions.
* **Shell Size:** S (Small)
* **Contact Type:** Usually requires **Socket (Female)** contacts if the plug is the "pin holder" or vice versa depending on the specific JN2 configuration.
* **Grounding:** Includes a ground contact that connects to the shell for EMI shielding/safety.
---
### 4. Common Applications
Due to its rugged nature, this connector is frequently found in:
1. **Industrial Robots:** Connecting sensors and control signals.
2. **Servo Motors:** Specifically used for encoder connections.
3. **Machine Tools:** Providing power and signal to peripheral devices.
4. **Medical Equipment:** Where waterproof cleaning may be necessary.
---
- ⤷
What are the compatible contact part numbers for the JN2DS10SL3-R?
- ⤷ How does the 'One-Touch' locking mechanism differ from standard threaded connectors?
- ⤷ What is the recommended cable diameter range for the strain relief on this connector?