công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JN2AS10UL1-R

  • AI
    The **JN2AS10UL1-R** is a high-performance, small-profile circular connector manufactured by **JAE (Japan Aviation Electronics)**. It is part of the JN2 series, designed for industrial applications requiring durability and space-saving designs. --- ### ## Technical Specifications The following table summarizes the key electrical and physical characteristics of the JN2AS10UL1-R: | Parameter | Specification | | :--- | :--- | | **Connector Type** | Receptacle (Socket) | | **Number of Positions** | 10 Pins | | **Rated Current** | 3A per contact | | **Rated Voltage** | 200 VAC | | **Dielectric Withstanding Voltage** | 900 VAC (per minute) | | **Insulation Resistance** | 1000 MΩ minimum | | **Operating Temperature** | -20°C to +100°C | | **Waterproof Rating** | IP67 (when mated) | --- ### ## Key Features * **One-Touch Locking Mechanism:** Features a push-twist locking system that provides a secure connection with a tactile click, ensuring it stays connected under vibration. * **All-Plastic Construction:** The body is made of high-strength synthetic resin, making it lightweight and resistant to corrosion. * **Space-Saving Design:** Its low profile is ideal for compact industrial equipment where panel space is at a premium. * **Environmental Protection:** When mated, it achieves an IP67 rating, meaning it is dust-tight and can withstand immersion in water. --- ### ## Pinout & Application This connector is commonly used in internal and external wiring for industrial automation. #### ### Typical Usage Scenarios: 1. **Industrial Robotics:** Connecting sensors and control signals in robotic arms. 2. **Medical Equipment:** Used in diagnostic devices requiring reliable, easy-to-disconnect interfaces. 3. **Factory Automation:** Used for signal transmission in PLC units and small motors. #### ### Compatible Mating Parts: To complete a connection, the **JN2AS10UL1-R** (Panel Mount Receptacle) typically mates with: * **JN2DS10SL1-R** (Straight Plug) * **JN2FS10SL1-R** (Right Angle Plug) --- ### ## Mechanical Dimensions (Typical) ```text Mounting Hole: ~11.0mm Contact Gender: Socket (Female) Termination Style: Solder (or Crimp depending on contact insert) ```
    ✨ Follow-up Questions
    • ⤷ What are the specific crimp tool models required for the JN2 series contacts?
    • ⤷ Can this connector be used in outdoor environments with UV exposure?
    • ⤷ What is the difference between the JN1 and JN2 series from JAE?