công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JN2AS10ML2-R

  • AI
    The **JN2AS10ML2-R** is a high-performance, small-form-factor circular connector manufactured by **JAE (Japan Aviation Electronics)**. It belongs to the JN2 series, which is specifically designed for industrial applications requiring ruggedness and waterproofing. --- ### 1. General Specifications The JN2AS10ML2-R is a **cable-mount plug** characterized by its reinforced plastic shell and easy-to-use locking mechanism. | Feature | Specification | | :--- | :--- | | **Connector Type** | Plug (Cable Side) | | **Number of Positions** | 10 | | **Contact Gender** | Male (Pin) | | **Termination Method** | Solder / Crimp (Depending on contacts used) | | **Current Rating** | 3A per contact | | **Voltage Rating** | 200 VAC | | **Waterproof Rating** | IP67 (when mated) | --- ### 2. Key Physical Components The part is engineered to balance durability with ease of installation: 1. **Outer Shell:** Made of high-strength synthetic resin. It is lightweight yet vibration-resistant. 2. **One-touch Locking Mechanism:** It features a "push-twist" mechanism. To mate, you push it in; to unmate, you rotate the outer ring. This provides a secure connection that won't vibrate loose. 3. **Insulator:** High-grade plastic that holds the 10 pins in a specific orientation to prevent mismating. 4. **Cable Entry:** Usually includes a bushing or grommet area to maintain the IP67 seal around the incoming cable. --- ### 3. Comparison of the JN2 Series The JN2 series is an enhanced version of the JN1 series. The primary difference is the **physical strength** of the shell. * **JN1 Series:** All-plastic, light-duty. * **JN2 Series:** Reinforced shell (often used for motor interfaces), capable of withstanding more mechanical stress. --- ### 4. Common Applications Due to its 10-pin configuration and waterproof rating, this part is commonly found in: * **Industrial Robots:** Connecting sensors and control signals. * **Servo Motors:** Specifically for encoders or low-power power supply. * **Machine Tools:** Where oil, dust, and water splashes are prevalent. * **Medical Equipment:** Where a secure, locking connection is required for patient monitoring or imaging devices. --- ### 5. Technical Drawing Summary * **Shell Size:** S (Small) * **Mounting Style:** Straight Plug * **Dielectric Withstanding Voltage:** 900 VAC (for 1 minute) * **Operating Temperature:** -20°C to +100°C
    ✨ Follow-up Questions
    • ⤷ What are the compatible female receptacles for the JN2AS10ML2-R?
    • ⤷ Does this connector require specific crimping tools for assembly?
    • ⤷ Can this connector be used for power transmission or only signal?