công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JM-1G6-R/

  • AI
    The **JM-1G6-R** is an electronic component typically associated with a specific series of **RJ45 Jack Connectors** with integrated magnetics (often referred to as MagJacks). These are commonly used in networking hardware to provide physical connectivity and electrical isolation for Ethernet signals. --- ### ## 1. Technical Specifications Below are the primary technical characteristics of the JM-1G6-R series: | Parameter | Specification | | :--- | :--- | | **Connector Type** | RJ45 Female Jack | | **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Integrated Magnetics** | Yes (Transformers and Chokes) | | **Orientation** | Right Angle (Through-Hole) | | **LED Configuration** | Usually features Green/Yellow LEDs | | **Shielding** | Metal shield for EMI protection | | **Operating Temperature** | -40°C to +85°C (Standard Industrial) | --- ### ## 2. Core Internal Components The "Integrated Magnetics" within the JM-1G6-R serve several critical electronic functions: 1. **Isolation Transformers:** Provides electrical isolation between the Ethernet cable and the PHY (Physical Layer) chip to prevent damage from voltage surges. 2. **Common Mode Chokes:** Filters out electromagnetic interference (EMI) and noise from the differential signals. 3. **Bob Smith Termination:** High-voltage capacitors and resistors used to reduce common-mode noise and improve EMC performance. 4. **LEDs:** Integrated indicators that signal "Link" and "Activity" status directly on the port. --- ### ## 3. Common Applications This part is a staple in hardware design for networking and telecommunications: * **Network Switches & Routers:** The primary port for LAN connections. * **Industrial PCs:** Used for robust data communication in harsh environments. * **IoT Gateways:** Provides a stable wired backhaul for smart devices. * **Server Motherboards:** Standard interface for onboard NICs (Network Interface Cards). --- ### ## 4. Typical Pinout Logic While specific pinouts can vary by manufacturer (e.g., Joyin, JPC, or HanRun versions), the standard internal mapping is as follows: ```c // Simplified Pin-to-Signal Mapping Pins 1-2: Transmit/Receive Pair A (+/-) Pins 3-6: Transmit/Receive Pair B (+/-) Pins 4-5: Transmit/Receive Pair C (+/-) Pins 7-8: Transmit/Receive Pair D (+/-) LED Pins: Separate pins for Anode/Cathode of Link/Act lights ```
    ✨ Follow-up Questions
    • ⤷ What is the footprint layout for the JM-1G6-R on a PCB?
    • ⤷ Which manufacturers produce compatible alternatives to this part?
    • ⤷ How do the integrated magnetics handle Power over Ethernet (PoE)?