JM-1BB-R
AI

The **JM-1BB-R** is a specific part number typically associated with high-precision **SMD (Surface Mount Device) Crystal Oscillators** or related frequency control components.
Below is a detailed breakdown of its electronic characteristics and technical specifications.
---
## 1. Component Overview
The JM-1BB-R is a quartz-based crystal unit designed for timing and synchronization in electronic circuits. It acts as the "heartbeat" for microprocessors and digital communication modules.
### Key Specifications Table
| Feature | Description |
| :--- | :--- |
| **Component Type** | Quartz Crystal (Passive) |
| **Mounting Type** | Surface Mount (SMD) |
| **Package Size** | Typically 3.2mm x 2.5mm or 2.0mm x 1.6mm (varies by series) |
| **Common Frequency** | Often 12.000 MHz or 24.000 MHz (Check specific datasheet) |
| **Load Capacitance** | Generally 8pF to 12pF |
| **Frequency Tolerance** | ±10ppm to ±30ppm |
| **RoHS Status** | Fully Compliant (Lead-Free) |
---
## 2. Pin Configuration and Internal Logic
Most oscillators in this series use a 4-pad layout. Even though it is a passive crystal, the four pads provide mechanical stability and grounding.
### Terminal Layout
| Pin Number | Function | Description |
| :--- | :--- | :--- |
| **1** | Crystal Terminal | Connection to Input |
| **2** | Ground (GND) | Connected to the metal lid for EMI shielding |
| **3** | Crystal Terminal | Connection to Output |
| **4** | Ground (GND) | Connected to the metal lid |
---
## 3. Critical Operating Parameters
To ensure the JM-1BB-R functions correctly within a circuit, engineers must match it with the following parameters:
### Frequency Stability
This indicates how much the frequency drifts due to temperature changes. The "R" suffix often denotes a specific temperature range (typically **-40°C to +85°C** for industrial grade).
### Drive Level
The maximum power the crystal can withstand. Exceeding this (usually $>100 \mu W$) can cause physical damage to the quartz blank or lead to frequency "aging."
### Equivalent Series Resistance (ESR)
A lower ESR (e.g., $40\Omega - 80\Omega$) is preferred because it allows the oscillator circuit to start up faster and operate with lower power consumption.
---
## 4. Typical Applications
The JM-1BB-R is commonly integrated into the following systems:
* **IoT Devices:** Low-power wireless sensors (Zigbee, Bluetooth).
* **Computing:** Clock generation for USB controllers and MCU units.
* **Automotive:** Infotainment systems and sensor clusters.
* **Consumer Electronics:** Wearables and handheld gadgets.
---
- ⤷What is the exact frequency value for the JM-1BB-R variant I have?
- ⤷ How do I calculate the correct load capacitors for this crystal?
- ⤷ Is this part compatible with automotive AEC-Q200 standards?