JM-14Z-R/
AI

The **JM-14Z-R** is a specific type of **Miniature Power Relay** commonly used in PCB (Printed Circuit Board) applications. These relays are designed to control high-power loads using a low-power signal, acting as an electrically operated switch.
Below is a detailed breakdown of its electronic components and specifications.
---
### 1. Key Technical Specifications
While specific manufacturers (like Junda or others) may have slight variations, the "14Z" series generally follows these standard parameters:
| Feature | Specification Details |
| :--- | :--- |
| **Contact Form** | 1C (SPDT - Single Pole Double Throw) |
| **Contact Material** | Silver Alloy (AgSnO2 or AgNi) |
| **Rated Load (Resistive)** | 10A to 16A @ 250VAC / 30VDC |
| **Max Switching Voltage** | 250VAC / 110VDC |
| **Coil Voltage Options** | 5V, 12V, 24V, 48V DC |
| **Coil Power** | Approx. 0.54W to 0.72W |
| **Dielectric Strength** | 5,000VAC (between coil and contacts) |
| **Mounting Type** | Through-hole PCB mount |
---
### 2. Internal Electronic Structure
The JM-14Z-R consists of several functional parts that work together to facilitate switching:
* **The Coil (Actuator):** A copper wire winding around an iron core. When DC current flows through it, it creates a magnetic field.
* **The Armature:** A moving ferromagnet component that is pulled by the coil's magnetic field.
* **Contacts:**
* **Common (COM):** The center terminal.
* **Normally Closed (NC):** Connected to COM when the relay is off.
* **Normally Open (NO):** Connected to COM when the relay is energized.
* **Return Spring:** Returns the armature to the "rest" position once power is removed from the coil.
---
### 3. Part Number Nomenclature (Decoding)
The model name **JM-14Z-R** can be broken down to understand its characteristics:
1. **JM:** Manufacturer Series code (e.g., Junda).
2. **14:** Model series identifier (standard footprint).
3. **Z:** Usually indicates the contact form (Z typically represents **SPDT/Changeover**).
4. **R:** Often denotes **RoHS Compliance** or a specific **Dust-proof/Sealed** casing type.
---
### 4. Implementation Example
To use this relay in a digital circuit (like with an Arduino), you cannot drive the coil directly from a microcontroller pin. You need a driver circuit:
```cpp
// Schematic Logic:
// [MCU Pin] -> [Resistor] -> [Base of NPN Transistor]
// [Relay Coil] -> [Collector of Transistor]
// [Flyback Diode] -> [Parallel to Relay Coil to prevent back EMF]
```
---
- ⤷
What is the pinout configuration for a standard 14Z series relay?
- ⤷ What are the common causes of failure in these power relays?
- ⤷ Can I use the JM-14Z-R for switching inductive loads like motors?