AI

The **JM-105W-R** is a high-performance, single-pole high-power electromagnetic relay commonly used in automotive electronics, industrial automation, and power control systems. It is designed to handle high current loads while maintaining a compact footprint.
---
### 1. Key Technical Specifications
The following table highlights the primary electronic characteristics of the JM-105W-R:
| Parameter | Specification |
| :--- | :--- |
| **Contact Form** | 1 Form A (SPST-NO) / 1 Form C (SPDT) |
| **Max Switching Current** | 30A to 40A (depending on voltage) |
| **Max Switching Voltage** | 250VAC / 28VDC |
| **Coil Nominal Voltage** | 5V, 12V, 24V DC (Variant dependent) |
| **Coil Power Consumption** | Approx. 0.9W |
| **Dielectric Strength** | 2,500VAC (between coil and contacts) |
| **Insulation Resistance** | 1,000MΩ Min. (at 500VDC) |
| **Life Expectancy (Electrical)** | 100,000 operations |
---
### 2. Electronic Component Breakdown
#### A. Contact Material
The contacts are typically made of **Silver Alloy (AgSnO2 or AgCdO)**. This choice is critical for:
* **Arc Resistance:** Minimizing erosion when switching high currents.
* **Conductivity:** Ensuring low contact resistance to prevent overheating.
#### B. The Coil Assembly
The coil acts as the electromagnet. When energized, it creates a magnetic field that pulls the armature.
* **Sensitivity:** Designed to operate with relatively low power (900mW) compared to the large loads it switches.
* **Protection:** It is recommended to use a flyback diode (e.g., 1N4007) in parallel with the coil to protect driving circuits from inductive spikes.
#### C. Housing and Insulation
* The outer casing is usually **PBT (Polybutylene Terephthalate)**, which provides high heat resistance and electrical insulation.
* **Sealed Construction:** Often available in "Wash Tight" or "Flux Proof" versions to prevent contaminants from entering the contact area.
---
### 3. Connection Pinout Diagram
While specific layouts can vary slightly by manufacturer, the standard JM-105W-R footprint usually follows this logic:
```text
[Top View]
+-------------+
| (1) (2) | <-- Coil Terminals
| |
| (3) (4) | <-- Switch Terminals (Common/NO)
+-------------+
```
---
### 4. Common Applications
Due to its 30A-40A rating, this part is found in:
* **HVAC Systems:** Controlling compressors and fan motors.
* **Automotive:** Power windows, seat heaters, and fuel pump controls.
* **Smart Home:** High-power smart plugs and water heater controllers.
- ⤷
What is the difference between the 1 Form A and 1 Form C versions of this relay?
- ⤷ How do I calculate the correct flyback diode for the JM-105W-R?
- ⤷ Can this relay be used for switching inductive loads like large AC motors?