AI

The part number **JH52480800BCNDWNFZCWC** typically refers to a highly specific, custom-engineered **Capacitive Touch Screen Assembly** or a specialized **LCD Display Module**, often associated with automotive infotainment systems or industrial control interfaces.
Due to the length and structure of the alphanumeric string, it follows a proprietary nomenclature used by Tier-1 electronics manufacturers (such as JDI, Innolux, or BOE) or automotive suppliers.
---
### Technical Specification Breakdown
While specific datasheets for custom automotive parts are often proprietary, the code can be deconstructed into standard industry segments:
| Segment | Likely Meaning | Description |
| :--- | :--- | :--- |
| **JH** | Manufacturer Prefix | Often identifies the factory line or specific vendor series. |
| **5248** | Physical Dimensions | May refer to a 5.2-inch or 4.8-inch display diagonal or resolution code. |
| **0800** | Resolution/Performance | Likely indicates a horizontal resolution of 800 pixels (WVGA). |
| **BCN** | Backlight/Interface | Usually denotes LED Backlight, Color type, and Connector configuration. |
| **DWNF** | Feature Set | Codes for Wide Viewing Angle, Anti-Glare (AG) coating, or High Brightness. |
| **ZCWC** | Customization Code | Revision control, specific firmware, or customer-specific mounting brackets. |
---
### Core Components
An electronic assembly like this generally consists of four primary layers:
1. **The LCD Panel:** The Liquid Crystal Display that produces the image.
2. **LED Backlight Unit (BLU):** Provides the illumination necessary to see the image in daylight conditions.
3. **Touch Sensor (PCAP):** A Projective Capacitive touch panel that allows for multi-touch gestures.
4. **Controller ICs:**
* **TCON (Timing Controller):** Manages the data flow to the display.
* **Touch IC:** Translates physical touches into digital coordinates (often via I2C or USB).
---
### Common Applications
Parts with this complex naming convention are rarely "off-the-shelf" components and are usually found in:
* **Automotive Head Units:** Radio and navigation screens for modern vehicles.
* **Medical Monitors:** Interface screens for diagnostic equipment.
* **Point of Sale (POS):** Specialized retail kiosks.
### Troubleshooting & Replacement
If you are looking to replace this part, note the following:
* **Compatibility:** The suffix `ZCWC` is critical. A part labeled `ZCWA` might have a different ribbon cable orientation or voltage requirement.
* **Interface:** These units typically use **LVDS** or **eDP** (Embedded DisplayPort) for video and **I2C** for the touch digitizer.
---
- ⤷
What is the pin configuration for the LVDS connector on this module?
- ⤷ Which specific vehicle models use the JH52480800 series display?
- ⤷ Are there cross-compatible replacement parts for the BCN suffix?