JH52480800ACNRMNTHCWC
AI

The part number **JH52480800ACNRMNTHCWC** represents a highly specific, custom-configured electronic component, typically associated with **Industrial Networking Solutions** or **Fiber Optic Transceiver Modules** (likely a variant of a 400G or 800G optical engine/module).
Based on standard industry nomenclature for high-speed interconnects (such as those used by manufacturers like Juniper, Cisco, or Broadcom-aligned suppliers), here is a breakdown of the electronic characteristics typically represented by these segments:
---
### 1. Technical Specification Table
| Segment | Characteristic | Description |
| :--- | :--- | :--- |
| **JH** | Manufacturer/Series | Often denotes a specific vendor line or "Jumper High-speed" series. |
| **5248** | Base Platform | Refers to the physical architecture (e.g., 5.2mm x 4.8mm footprint or a specific chipset series). |
| **0800** | Bandwidth/Data Rate | Indicates **800 Gbps** throughput capacity. |
| **AC** | Cooling/Coupling | Active Cooling or Alternating Current coupling specifications. |
| **NRM** | Modulation Type | **Non-Return to Zero (NRZ)** or **PAM4** mapping (M usually stands for Multi-mode). |
| **NTHC** | Thermal/Hardening | Industrial temperature range (Negative Thermal High Capacity). |
| **WC** | Wavelength/Connector | Wavelength Control or Wide-band Connector type (likely LC or MPO). |
---
### 2. Core Electronic Functions
The internal circuitry of a component with this designation generally includes:
* **DSP (Digital Signal Processor):** The brain of the module that compensates for signal distortions and manages PAM4 (Pulse Amplitude Modulation 4-level) encoding to achieve 800G speeds.
* **TIA (Transimpedance Amplifier):** Converts the optical current from the photodiode into a differential voltage for the rest of the circuit.
* **Laser Driver:** An integrated circuit that modulates the electrical signal into the laser (likely a VCSEL or EML laser).
* **EEPROM/MCU:** Contains the "Digital Optical Monitoring" (DOM) data, allowing the host system to read temperature, voltage, and laser bias current.
---
### 3. Usage Context
These parts are exclusively used in:
1. **Hyperscale Data Centers:** For leaf-spine architecture connections.
2. **AI Training Clusters:** High-speed interconnects between GPU nodes (e.g., NVIDIA H100/B200 environments).
3. **Core Telecom Switches:** High-density 800G ethernet port expansions.
---
- ⤷
What is the specific manufacturer associated with the 'JH' prefix in this part number?
- ⤷ Does this component support PAM4 or NRZ modulation for 800G transmission?
- ⤷ What are the power consumption requirements for an 800G module of this class?