AI

Based on the part number **JH395320480DCNFNNFZCWC**, this appears to be a highly specific SKU typically associated with **LCD Display Modules**, often manufactured by industrial display providers like **Jinghua (JH)** or similar specialized electronic component vendors.
Below is a breakdown of the technical characteristics and categories associated with this electronic part.
---
### 1. Component Overview
The part is an integrated display assembly commonly used in industrial automation, medical devices, or high-end consumer electronics.
| Feature | Specification Details |
| :--- | :--- |
| **Component Type** | TFT LCD Display Module |
| **Resolution** | Likely 320 x 480 pixels (HVGA) |
| **Interface** | Typically MCU, SPI, or RGB interface |
| **Backlight** | LED (White) |
| **Touch Panel** | Depends on suffix; often includes Capacitive (PCAP) or Resistive options |
---
### 2. Part Number Breakdown (Typical)
While proprietary, the nomenclature usually follows this logic:
* **JH**: Manufacturer prefix (e.g., Jinghua Displays).
* **395**: Likely refers to the diagonal size (**3.95 inches**).
* **320480**: Represents the pixel resolution (**320 x 480**).
* **DCN / FNN**: Internal codes for specific glass types, polarizer types (Transmissive/Reflective), and viewing angles (e.g., IPS for wide viewing).
* **FZCWC**: Specific revision or connector configuration (FPC pinout/ZIF connector).
---
### 3. Key Electronic Characteristics
These modules require specific driving conditions to function within an electronic circuit:
1. **Driver IC**: Usually integrated onto the glass (COG - Chip on Glass), such as the **ILI9488** or **ST7796S**.
2. **Voltage Supply (VDD)**: Typically operates at **2.8V to 3.3V** for logic.
3. **Backlight Circuit**: Requires a constant current driver (approx. 20mA per LED string) at a higher forward voltage (around 9V-12V depending on serial/parallel LED arrangement).
4. **FPC Connector**: A Flexible Printed Circuit (FPC) usually with 34 to 50 pins to carry data signals and power.
---
### 4. Implementation Requirements
To use this part in an electronic design, the following are required:
* **Microcontroller/Processor**: Capable of handling the data throughput for 320x480 resolution.
* **Level Shifters**: If using a 5V logic system (like Arduino Uno), voltage translation to 3.3V is mandatory to prevent damage.
* **Initialization Code**: A specific "Init Shield" or register sequence is required to wake the display and set the gamma curves.
---
- ⤷What is the pinout diagram for the JH395320480 series?
- ⤷ Which driver IC is compatible with this specific display?
- ⤷ How do I calculate the backlight resistor for this LCD module?