công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JH30240400BCNUMNFZCWC

  • AI
    The part number **JH30240400BCNUMNFZCWC** appears to be a specialized manufacturer-specific code, commonly associated with high-density electronic assemblies, industrial components, or display modules (such as LCD/OLED controllers). Because this is a highly specific string, it likely follows a proprietary nomenclature. Below is a breakdown of what these types of codes typically represent in the electronics industry. ### 1. Component Breakdown (Typical Schema) Based on standard industry naming conventions for integrated circuits and modules, here is a logical mapping of the segments: | Segment | Possible Meaning | Description | | :--- | :--- | :--- | | **JH** | Manufacturer Code | Often refers to specific Chinese or international electronic foundries. | | **3024** | Form Factor / Size | Could represent dimensions (e.g., 3.0" x 2.4") or a series number. | | **0400** | Electrical Rating | Voltage or current capacity (e.g., 400V or 4.00A). | | **BC** | Grade/Tolerance | "B" grade often indicates a specific accuracy class. | | **NUMN** | Revision/Logic | Internal hardware revision or logic gate configuration. | | **FZ** | Package Type | Often refers to a specific Lead-free or Flip-chip Grid Array. | | **CWC** | Packaging/Finish | Indicates "Tape and Reel" or specific coating (e.g., Conformal Coating). | --- ### 2. Common Applications Components with this complexity are generally found in: * **Industrial Automation:** PLCs (Programmable Logic Controllers) or Motor Driver boards. * **Telecommunications:** Signal processing units for base stations. * **Custom Display Modules:** High-resolution driver ICs for medical or military displays. ### 3. Technical Specifications to Verify If you are looking for a replacement or a datasheet, you must verify the following parameters via a multimeter or the original device documentation: 1. **Input Voltage ($V_{in}$):** Usually ranges between 3.3V to 12V for logic components. 2. **Pin Count:** Match the physical pins to the footprint on the PCB. 3. **Thermal Rating:** Ensure the component can withstand the operating temperature of its environment (Industrial: -40°C to +85°C). --- ### 4. How to Locate the Datasheet If this part is from a proprietary vendor (like a specific automotive or medical supplier), the datasheet may not be public. To find more details: * Check the **PCB silkscreen** near the component for a reference designator (e.g., U101). * Search for the **Manufacturer's Logo** printed on the physical part. * Consult the **BOM (Bill of Materials)** of the master device.
    ✨ Follow-up Questions
    • ⤷ Which manufacturer produced this specific part?
    • ⤷ Is there a shorter version of this part number on the component casing?
    • ⤷ What type of device (e.g.
    • ⤷ laptop
    • ⤷ machine controller) was this part removed from?