JH26240320BCNUNNFZCWC
AI

Based on the alphanumeric structure of the part number **JH26240320BCNUNNFZCWC**, this appears to be a high-density, custom-configured **TFT LCD Display Module**. While specific internal manufacturer datasheets are required for pinout diagrams, the nomenclature typically follows a standardized breakdown for industrial display components.
### 🔍 Technical Breakdown
| Segment | Component Attribute | Potential Specification |
| :--- | :--- | :--- |
| **JH** | Manufacturer Code | Often refers to JingHao or similar specialized display vendors. |
| **26240320** | Resolution | Indicates a **240 x 320** pixel resolution (QVGA). |
| **BCN** | Controller/Interface | Likely refers to a **MCU** (8/16-bit) or **SPI** interface type. |
| **UNN** | Panel Tech | Typically denotes a "Normally White" or "TN" (Twisted Nematic) panel. |
| **FZ** | Backlight Type | High-brightness white LED (F-type arrangement). |
| **CWC** | Customization | Specific FPC (Flexible Printed Circuit) length or connector pitch. |
---
### 🛠️ Key Electronic Components
1. **Display Driver IC (DDIC):**
The heart of this module is usually an integrated driver like the **ILI9341** or **ST7789V**. These chips handle the logic for converting digital data from your microcontroller into the voltages required to twist the liquid crystals.
2. **Backlight Circuitry:**
Consists of a series/parallel array of White LEDs. Requires a constant current driver (typically 15-20mA per string) to prevent burnout.
3. **FPC (Flexible Printed Circuit):**
The "ribbon" cable that carries signals. It contains gold-plated traces for high-speed data transmission and usually houses passive components like capacitors for voltage stabilization.
4. **Polarizers:**
Two layers of optical film (Front and Back) that manage light orientation, essential for the LCD to create an image.
---
### 📊 Common Electrical Characteristics
| Parameter | Typical Value |
| :--- | :--- |
| **Operating Voltage (VDD)** | 2.8V - 3.3V |
| **Logic Voltage (IOVDD)** | 1.65V - 3.3V |
| **Backlight Forward Voltage** | 3.0V - 3.4V |
| **Display Colors** | 65K / 262K (16-bit / 18-bit) |
| **Viewing Direction** | 6 o'clock or 12 o'clock |
---
**Note:** Always verify the specific **pin mapping** before applying power, as variations in the "CWC" suffix can indicate inverted power pins or different touch-panel configurations (Resistive vs. Capacitive).
---
- ⤷What is the specific controller IC used in this display model?
- ⤷ Can you provide the pinout for a 240x320 MCU interface display?
- ⤷ How do I calculate the resistor value for the LED backlight?