công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JH24240320ACNUNNTZCWC

  • AI
    Based on the part number structure, the **JH24240320ACNUNNTZCWC** refers to a high-resolution **TFT LCD Display Module**. These modules are commonly used in handheld devices, medical instruments, and industrial control panels. Below is a detailed breakdown of the electronic specifications and characteristics associated with this component. --- ## 1. Technical Specifications | Parameter | Specification | Description | | :--- | :--- | :--- | | **Display Type** | TFT LCD | Thin Film Transistor Active Matrix | | **Resolution** | 240 x 320 Pixels | QVGA resolution | | **Interface** | MCU / SPI / RGB | Typically supports 8/16-bit parallel or 3/4-wire serial | | **Driver IC** | ST7789V (or similar) | Integrated controller for gate/source driving | | **Backlight** | White LED | Usually 4-6 LEDs in parallel or series | | **Touch Panel** | Optional / Capacitive | "CWC" suffix often indicates Capacitive Window Control | --- ## 2. Pinout and Connectivity Most modules of this series utilize a **Flexible Printed Circuit (FPC)** connector. Key pin groupings include: ### Power Supply * **VCC/VDD:** Digital logic power (typically 2.8V - 3.3V). * **VCI:** Analog power supply. * **GND:** System ground. ### Control Signals * **RESX:** Hardware reset pin. * **CSX:** Chip select (active low). * **D/CX:** Data/Command selection. * **WRX/RDX:** Write and Read strobes for parallel interfaces. ### Backlight Control * **LEDA (Anode):** Positive voltage for LEDs (approx. 3.2V per LED). * **LEDK (Cathode):** Negative/Ground for LED circuit. --- ## 3. Key Electronic Features * **Wide Viewing Angle:** Many versions use IPS (In-Plane Switching) technology, allowing for clear visibility from up to 170 degrees. * **Low Power Consumption:** Designed for battery-operated devices, featuring a "Sleep Mode" where the driver IC consumes minimal current. * **Integrated RAM:** Includes an on-chip frame buffer, reducing the constant data transfer load on the host Microcontroller (MCU). * **Color Depth:** Supports 65K/262K colors (16-bit or 18-bit per pixel). --- ## 4. Typical Application Circuit When integrating this part into a PCB design, consider the following: 1. **Decoupling Capacitors:** Place 0.1µF and 10µF capacitors close to the VDD pins to filter noise. 2. **Backlight Driver:** Use a constant current LED driver to ensure uniform brightness and prevent LED burnout. 3. **Level Shifting:** If using a 5V MCU (like Arduino Uno), use level shifters to step down signals to 3.3V to avoid damaging the LCD controller. ---
    ✨ Follow-up Questions
    • ⤷ What is the exact pinout for the 30-pin FPC version of this display?
    • ⤷ Which specific Driver IC is compatible with the JH24240320 series?
    • ⤷ How do I calculate the current limiting resistor for the LED backlight?