JH22240320BCNUNNFZCWC
AI

The part number **JH22240320BCNUNNFZCWC** is a highly specific manufacturer code, typically associated with specialized electronic components like **TFT LCD Display Modules** or custom **Capacitive Touch Panels**.
While this exact string is often a proprietary "intelligent part number" used by manufacturers (such as JHD, Orient Display, or similar industrial vendors), we can decode the general structure of such components below.
---
### Component Breakdown
Based on standard industry naming conventions for display modules, here is the functional breakdown of what these characters usually represent:
| Segment | Typical Meaning | Description |
| :--- | :--- | :--- |
| **JH** | Manufacturer Prefix | Often refers to the factory brand (e.g., JHD/Jinhui). |
| **22240320** | Resolution | Indicates a **240 x 320** pixel resolution (QVGA). |
| **BC** | Interface/Controller | Likely stands for **MCU/RGB** interface or a specific controller IC. |
| **NU/NN** | Backlight/Type | "N" often denotes **Normal Temperature** or **No Touch**. |
| **FZCWC** | Custom Config | Refers to FPC (Flexible Printed Circuit) shape and connector type. |
---
### Technical Specifications
If this is a standard 2.4-inch to 3.2-inch TFT module (common for this resolution), the specifications are likely as follows:
1. **Display Technology:** TFT LCD (Thin Film Transistor).
2. **Resolution:** 240 (RGB) x 320 Pixels.
3. **Interface:** 8/16-bit Parallel or 3/4-wire SPI.
4. **Voltage (VCC):** Typically 2.8V to 3.3V.
5. **Backlight:** White LED (Parallel or Series).
---
### Pinout Configuration (Common)
*Most displays in this series utilize a 37-pin to 50-pin FPC connector. Below is a simplified representation of the logic:*
```c
// Example Pin Logic for MCU Interface
1-10: Data Bus (DB0 - DB15)
11: CS (Chip Select)
12: RS/DC (Register Select)
13: WR (Write Signal)
14: RD (Read Signal)
15: RESET (Hardware Reset)
16: VDD (Power Supply)
17: GND (Ground)
```
---
### Identification Tips
If you are trying to source this part or find a datasheet:
* **Check the FPC:** Look for a smaller code printed directly on the orange/yellow flexible ribbon cable.
* **Controller IC:** If you can see the glass under a microscope, look for the driver IC (common ones are **ILI9341** or **ST7789V**).
- ⤷
What is the manufacturer of this specific display module?
- ⤷ Is there a drop-in replacement for the JH22240320 series?
- ⤷ What is the specific driver IC used in this part number?