công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JFX1-KC-R

  • AI
    The **JFX1-KC-R** belongs to the **JFX series** of high-voltage, metalized polypropylene film capacitors manufactured by **Suntan Technology Company**. These components are specifically designed for high-end audio applications and power circuits where signal integrity and stability are paramount. ### 1. Key Technical Specifications The following table highlights the general characteristics of the JFX1-KC-R series: | Property | Specification Details | | :--- | :--- | | **Dielectric Material** | Metalized Polypropylene Film | | **Tolerance** | ±5% (Standard) / ±3% / ±1% | | **Voltage Range** | 250VDC to 630VDC (Commonly) | | **Operating Temp.** | -55°C to +85°C | | **Dissipation Factor** | ≤ 0.0010 (1KHz) | | **Termination** | Axial leaded (Oxygen-free copper wires) | --- ### 2. Core Electronic Features #### A. Dielectric Properties The use of **Metalized Polypropylene (MKP)** ensures a very low dielectric absorption and low ESR (Equivalent Series Resistance). In electronic terms, this means the capacitor can charge and discharge rapidly without significant energy loss as heat, preserving the original waveform of the signal. #### B. Non-Inductive Construction The internal winding is designed to be **non-inductive**. This is crucial for audio circuits because it prevents the capacitor from picking up or creating electromagnetic interference (EMI) at high frequencies. #### C. Self-Healing Property If a voltage spike exceeds the dielectric strength, the metalized layer evaporates around the point of failure, "healing" the capacitor and preventing a short circuit. --- ### 3. Typical Applications The JFX1-KC-R is categorized as a "Premium Audio Capacitor." Its use cases include: * **Audio Crossovers:** Filtering frequencies for tweeters and mid-range speakers. * **Coupling/Decoupling:** Blocking DC while allowing AC audio signals to pass between amplifier stages. * **Power Supplies:** Used in high-end tube amplifiers for smoothing and noise suppression. --- ### 4. Circuit Diagram Representation In a schematic, this part is represented as a non-polarized capacitor. ```circuit ---||--- (In) C1 (Out) JFX1-KC-R 1.0uF 630V ```
    ✨ Follow-up Questions
    • ⤷ What are the main differences between JFX and standard polyester capacitors?
    • ⤷ How does the 'KC' suffix in the part number affect the specifications?
    • ⤷ Which voltage ratings are most common for the JFX series in vacuum tube amplifiers?