công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JFX1-10-R

  • AI
    The **JFX1-10-R** is a specific electronic component belonging to the category of **High-Speed Data/Network Transformers**, often manufactured by companies like **Halo Electronics**. These parts are primarily designed for telecommunications and Ethernet applications to ensure signal integrity and electrical isolation. --- ### 1. Key Technical Specifications Below is a breakdown of the typical electronic characteristics for the JFX1-10-R series: | Parameter | Specification | | :--- | :--- | | **Component Type** | Single Port Ethernet Transformer / Filter | | **Application** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Turns Ratio** | 1CT : 1CT (Primary : Secondary) | | **Inductance (OCL)** | 350 µH Minimum @ 100KHz, 0.1V | | **Isolation Voltage** | 1,500 Vrms (Minimum) | | **Operating Temperature** | -40°C to +85°C (Industrial Grade) | | **Mounting Type** | Surface Mount (SMD) | --- ### 2. Core Functions The JFX1-10-R performs four critical roles within a circuit: 1. **Galvanic Isolation:** It protects the delicate PHY (Physical Layer) chip from high-voltage surges or "ground loops" that might exist on the network cable. 2. **Impedance Matching:** It ensures the impedance of the Ethernet cable (typically 100 ohms) matches the internal circuitry of the PCB to prevent signal reflections. 3. **Noise Suppression (EMI):** It contains common-mode chokes that filter out electromagnetic interference, ensuring the device complies with EMC standards. 4. **Signal Transmission:** It passes high-speed differential data signals while blocking DC offsets. --- ### 3. Internal Schematic & Pinout While the physical package is a small SMD module, inside it contains: * **Isolation Transformers:** Wound around ferrite cores. * **Common Mode Chokes:** To suppress high-frequency noise. * **Auto-MDIX Compatibility:** Designed to work with modern network interfaces that automatically detect cable types. ### 4. Common Use Cases * **Industrial Automation:** Networking for PLCs and sensors. * **Computing:** Network Interface Cards (NICs) and motherboards. * **IoT Gateways:** Ensuring stable connections in rugged environments. ---
    ✨ Follow-up Questions
    • ⤷ What is the difference between the JFX series and the standard TG series from Halo?
    • ⤷ Can this component be used for Power over Ethernet (PoE) applications?
    • ⤷ What are the recommended soldering profiles for this SMD package?