công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JFX1-00-R

  • AI
    The **JFX1-00-R** is a specific electronic component typically associated with **RJ45 connectors** (Modular Jacks), specifically those integrated with internal magnetics (commonly referred to as **MagJacks**). These are vital in networking hardware for Ethernet connectivity. --- ## 1. Component Overview The JFX1-00-R is a single-port RJ45 connector designed for PCB mounting. Its primary function is to provide a physical interface for Ethernet cables while handling signal conditioning. | Feature | Specification (Typical) | | :--- | :--- | | **Component Type** | RJ45 Modular Jack with Integrated Magnetics | | **Port Configuration** | 1x1 (Single Port) | | **Speed Support** | 10/100/1000 Base-T (Gigabit Ethernet) | | **Orientation** | Right Angle / Horizontal | | **Termination** | Through-hole (Solder) | | **RoHS Status** | Compliant (Indicated by the "-R" suffix) | --- ## 2. Internal Electronic Parts Unlike a standard plastic jack, the JFX1-00-R contains several internal electronic sub-components: ### A. Isolation Transformers * **Purpose:** Provides galvanic isolation between the PHY (Physical Layer) chip and the external network. * **Function:** Protects the circuitry from high-voltage transients and prevents ground loops. ### B. Common Mode Chokes * **Purpose:** Electromagnetic Interference (EMI) suppression. * **Function:** Filters out high-frequency noise that is common to both lines of a differential pair, ensuring signal integrity and FCC compliance. ### C. Bob Smith Termination * **Purpose:** Impedance matching. * **Function:** Uses a network of resistors and high-voltage capacitors (typically 75Ω resistors and 1000pF capacitors) to terminate unused wire pairs and reduce common-mode emissions. --- ## 3. Physical & Mechanical Attributes * **Shielding:** Usually encased in a nickel-plated brass or copper alloy shell to prevent EMI leakage and provide a chassis ground connection. * **LED Indicators:** Depending on the specific sub-model of the JFX series, it may include integrated Green/Yellow LEDs to indicate Link and Activity status. * **Gold Plating:** The contact pins are typically plated with 30µ" to 50µ" of gold to ensure low contact resistance and prevent oxidation over time. --- ## 4. Typical Application Circuit When designing a PCB for the JFX1-00-R, the pins are connected as follows: ```mermaid graph LR PHY_Chip[Ethernet PHY Chip] --- JFX_Internal[Internal Magnetics/Transformers] JFX_Internal --- RJ45_Port[RJ45 Interface] RJ45_Port --- Cable[Ethernet Cable] ``` ---
    ✨ Follow-up Questions
    • ⤷ What is the pinout configuration for the JFX1-00-R?
    • ⤷ Does this component support Power over Ethernet (PoE)?
    • ⤷ What are the recommended footprint dimensions for PCB layout?