JFR2-7M3-R
AI

The **JFR2-7M3-R** is a high-performance, shielded RJ45 connector system, typically categorized under Integrated Connector Modules (ICMs) or "MagJack" components. These are essential in networking hardware for providing physical connectivity and electromagnetic interference (EMI) protection.
---
### 1. Key Technical Specifications
The following table summarizes the primary electrical and physical characteristics:
| Feature | Specification |
| :--- | :--- |
| **Component Type** | RJ45 Integrated Connector (MagJack) |
| **Port Configuration** | 1x1 (Single Port) |
| **Orientation** | Right Angle / Side Entry |
| **Shielding** | Metal Shield with EMI Tabs |
| **LED Configuration** | Green/Yellow (Typical for status/link) |
| **Mounting Type** | Through-Hole (THT) |
| **Data Rate** | 10/100/1000 Base-T (Gigabit Ethernet) |
---
### 2. Functional Electronic Components
The "Integrated" nature of the JFR2-7M3-R means it contains several discrete electronic parts inside the plastic housing:
1. **Isolation Transformers:** Provides galvanic isolation to protect the internal circuitry from voltage surges on the network cable.
2. **Common Mode Chokes:** Used to suppress electromagnetic interference (EMI) and noise on the differential signal pairs.
3. **Bob Smith Termination:** A resistor-capacitor network designed to reduce common-mode noise and provide impedance matching for unused wire pairs.
4. **Integrated LEDs:** Surface-mounted or leaded LEDs built into the front face to indicate "Link" and "Activity" status without requiring extra PCB space for indicators.
---
### 3. Pinout and Connection
While specific internal schematics depend on the manufacturer (often associated with brands like **JPC** or similar clones), the standard layout follows the Ethernet MDI/MDIX standards:
```c
/* Standard Internal Schematic Concept */
[Ethernet Controller] <--> [Isolation Transformer] <--> [RJ45 Pins]
|
[Common Mode Choke]
|
[Shield/Ground]
```
---
### 4. Typical Applications
* **Networking Gear:** Switches, routers, and hubs.
* **Industrial PC (IPC):** Embedded motherboards requiring robust Ethernet ports.
* **IoT Gateways:** Devices requiring reliable wired internet connectivity in noisy environments.
* **Consumer Electronics:** Set-top boxes and gaming consoles.
- ⤷
Does the JFR2-7M3-R support Power over Ethernet (PoE)?
- ⤷ What is the specific footprint/dimensions for the PCB layout?
- ⤷ Are there alternative part numbers with similar magnetic specifications?