công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

  • JFK-A4-R

  • AI
    Based on technical specifications for the **JFK-A4-R** series (typically associated with industrial sensor modules, specifically **Photoelectric Sensors** or **Safety Curtains** depending on the specific manufacturer, often linked to brands like *JIBANG* or similar industrial automation providers), here is an overview of its electronic components and technical profile. --- ### 1. General Technical Specifications The "R" suffix usually denotes a **Receiver** unit in a pair or a **Relay Output** configuration. | Feature | Specification (Standard) | | :--- | :--- | | **Operating Voltage** | 12V - 24V DC | | **Output Type** | PNP or NPN (Model dependent) / Relay | | **Response Time** | < 20ms | | **Light Source** | Infrared LED (Invisible) | | **Current Consumption** | Max 30mA | | **Protection Circuit** | Reverse Polarity & Short Circuit Protection | --- ### 2. Core Electronic Components The internal PCB of the JFK-A4-R consists of several critical electronic stages: #### A. The Optical Stage * **Phototransistor/Photodiode:** Located behind the lens, it converts incoming light pulses into a micro-electrical current. * **Optical Filter:** A physical layer that blocks ambient visible light (sunlight, office lamps) while allowing specific Infrared wavelengths to pass. #### B. Signal Processing (IC) * **Preamplifier:** Boosts the weak signal from the photodiode. * **Comparator/Schmitt Trigger:** A circuit that determines if the signal strength is above the "threshold." This prevents "chattering" (rapid flickering) when the beam is partially obstructed. * **Oscillator Sync:** If paired with a transmitter, the receiver contains logic to sync with the pulse frequency of the emitter to avoid interference from other sensors. #### C. Output Logic * **Switching Transistor:** Usually a high-speed transistor that toggles the output wire (Load). * **LED Indicators:** * *Red/Green:* Indicates power status and alignment status (Light on/Dark on). --- ### 3. Wiring Configuration The JFK-A4-R typically follows standard industrial color coding for its electronic leads: 1. **Brown:** Positive Terminal (+VCC) 2. **Blue:** Negative Terminal (0V/GND) 3. **Black:** Control Output (Signal) 4. **White (if 4-wire):** Mode selection (Light-ON vs. Dark-ON) --- ### 4. Application Context Electronically, these parts are designed to interface with: * **PLCs (Programmable Logic Controllers):** Sending digital HIGH/LOW signals. * **Relay Modules:** For switching higher voltage AC loads. * **Safety Interlocks:** Ensuring machinery stops when the beam is broken.
    ✨ Follow-up Questions
    • ⤷ What is the maximum sensing distance for the JFK-A4-R model?
    • ⤷ How do I switch between NPN and PNP output on this sensor?
    • ⤷ What is the IP rating for the JFK-A4-R housing?